Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFD2-UFC-1.D Datasheet (PDF) - Pepperl+Fuchs Inc.

KFD2-UFC-1.D Datasheet PDF - Pepperl+Fuchs Inc.
Part # KFD2-UFC-1.D
Download  KFD2-UFC-1.D Download
File Size   956.61 Kbytes
Page   6 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description Frequency Converter with Trip Values

KFD2-UFC-1.D Datasheet (PDF)

Go To PDF Page Download Datasheet
KFD2-UFC-1.D Datasheet PDF - Pepperl+Fuchs Inc.

Part # KFD2-UFC-1.D
Download  KFD2-UFC-1.D Click to download

File Size   956.61 Kbytes
Page   6 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description Frequency Converter with Trip Values

KFD2-UFC-1.D Datasheet (HTML) - Pepperl+Fuchs Inc.


KFD2-UFC-1.D Product details

< 1-channel signal conditioner
< 24 V DC supply (Power Rail)
< Input for 2- or 3-wire sensors, NAMUR sensors or dry contacts
< Input frequency 1 mHz ... 10 kHz
< Current output 0/4 mA ... 20 mA
< Relay contact and transistor output
< Start-up override
< Line fault detection (LFD)
< Up to SIL 2 acc. to IEC 61508/IEC 61511




Similar Part No. - KFD2-UFC-1.D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFD2-UFC-EX1.D PF-KFD2-UFC-EX1.D Datasheet
1Mb / 6P
Frequency Converter with Trip Values
2022-01-10
More results


Similar Description - KFD2-UFC-1.D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTL5521 ETC1-MTL5521 Datasheet
28Kb / 1P
FREQUENCY TO CURRENT CONVERTER AND TRIP AMPLIFIER
logo
Pepperl+Fuchs Inc.
KFU8-UFC-1.D.FA PF-KFU8-UFC-1.D.FA Datasheet
594Kb / 4P
Frequency Converter with Trip Values
KFD2-GUT-EX1.D PF-KFD2-GUT-EX1.D Datasheet
1Mb / 6P
Temperature Converter with Trip Values
KFD2-GUT-1.D PF-KFD2-GUT-1.D Datasheet
940Kb / 5P
Temperature Converter with Trip Values
KFD2-UFC-EX1.D PF-KFD2-UFC-EX1.D Datasheet
1Mb / 6P
Frequency Converter with Trip Values
2022-01-10
KFU8-GUT-1.D PF-KFU8-GUT-1.D Datasheet
805Kb / 5P
Temperature Converter with Trip Values
2021-12-10
KFU8-GUT-EX1.D PF-KFU8-GUT-EX1.D Datasheet
902Kb / 5P
Temperature Converter with Trip Values
2021-11-25
KFU8-UFC-1.D PF-KFU8-UFC-1.D Datasheet
793Kb / 5P
Frequency Converter with Trip Values
2021-12-10
KFU8-UFC-EX1.D PF-KFU8-UFC-EX1.D Datasheet
924Kb / 6P
Frequency Converter with Trip Values
2022-01-10
KFU8-USC-1.D PF-KFU8-USC-1.D Datasheet
737Kb / 3P
Signal Converter with Trip Value
2021-12-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com