Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2519 Datasheet (PDF) - PHOENIX CONTACT

2519 Datasheet PDF - PHOENIX CONTACT
Part # 2519
Download  2519 Download
File Size   207.22 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VARIOFACE Professional for ribbon cable connectors

2519 Datasheet (PDF)

Go To PDF Page Download Datasheet
2519 Datasheet PDF - PHOENIX CONTACT

Part # 2519
Download  2519 Click to download

File Size   207.22 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VARIOFACE Professional for ribbon cable connectors

2519 Datasheet (HTML) - PHOENIX CONTACT


2519 Product details

Description
Incorporating a contemporary industrial design,
VARIOFACE Professional (VIP) offers a next-generation
approach to passive, 1:1 wiring for applications that require
fast, fault-free connection of field devices, such as process
and motion controllers. By utilizing ribbon cable connection
to the controller and screw-cage termination to field devices,
the end-user saves valuable time in installing and
troubleshooting a system. VARIOFACE Professional is
available in two- and three-level field I/O configurations and
accommodates 10-, 14-, 16-, 20-, 26-, 34-, 40-, 50-, 60-, and
64-position ribbon cable connectors.
To aid in device identification in the switch cabinet,
VARIOFACE Professional integrates a channel that can
utilize the full range of ZB holders to provide flexible module
marking options. VARIOFACE Professional also offers easy
access to field I/O marking by providing signal marking on
the screw connection surface. The module’s single, rugged
metal mounting foot moves along the length of the module,
facilitating ease of installation and disconnection and the
added benefit of positioning the module for efficient wiring.

Features
– Compact design reduces space requirements in the control cabinet
– I/O marking for field wiring clearly identified when device is mounted
– Integrated ZB channel allows flexible marking of device
– A single, metal mounting foot allows easy installation and removal to the mounting rail
– Movable mounting foot allows flexible module positioning during wire installation




Similar Part No. - 2519

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2519 KR-2519 Datasheet
23Kb / 2P
Bandpass Filter
logo
Heyco.
2519 HEYCO-2519 Datasheet
91Kb / 1P
Feets of Strength
logo
Adafruit Industries
2519 ADAFRUIT-2519 Datasheet
206Kb / 3P
Silicone Cover Stranded-Core Wire - 25ft 26AWG - Gray
3/30/2016
logo
Integrated Technology F...
251902B ITF-251902B Datasheet
206Kb / 5P
SAW Bandpass Filter
2004-06-21
251902C ITF-251902C Datasheet
206Kb / 5P
SAW Bandpass Filter
2004-09-27
More results


Similar Description - 2519

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FDBD-25PF HIROSE-FDBD-25PF Datasheet
332Kb / 6P
RIBBON-CABLE LOW-PROFILE FD CONNECTORS
QF1-50P-2.54RB HIROSE-QF1-50P-2.54RB Datasheet
1Mb / 7P
QF1 RIBBON CABLE CONNECTORS
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
VARIOFACE System Cable With Flat-Ribbon Cable Connector
103490 PHOENIX-103490 Datasheet
229Kb / 4P
VIP - VARIOFACE Professional System cables with molded FLK connector
2520 PHOENIX-2520 Datasheet
212Kb / 3P
VARIOFACE Professional for D-subminiature plug connectors
05/2009
2521 PHOENIX-2521 Datasheet
210Kb / 3P
VARIOFACE Professional for system cabling applications
2014-08-08
2522 PHOENIX-2522 Datasheet
185Kb / 3P
VARIOFACE Professional for power distribution
05/2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com