Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG4157 Datasheet (PDF) - Vishay Siliconix

DG4157 Datasheet PDF - Vishay Siliconix
Part # DG4157
Download  DG4157 Download
File Size   197.46 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, 1 Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection

DG4157 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG4157 Datasheet PDF - Vishay Siliconix

Part # DG4157
Download  DG4157 Click to download

File Size   197.46 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, 1 Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection

DG4157 Datasheet (HTML) - Vishay Siliconix


DG4157 Product details

FEATURES
• Direct cross of industry standard xxx4157
• 1.65 V to 5.5 V operation voltage range
• Guaranteed 1.4 V logic high input threshold
at VCC = 5.5 V
• 117 MHz, - 3 dB bandwidth
• Low on-resistance
• Power down protection
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912


DESCRIPTION
The DG4157 is a high performance single pole double throw
analog switch designed for 1.65 V to 5.5 V operation with
single power rail.
Fabricated with high density CMOS technology, the device
achieves low on resistance as 1 Ω at 4.5 V power supply and
fast switching speed. The - 3 dB bandwidth is typically
117 MHz.
The DG4157 features break before make switch
performance, and guarantees logic high control input
threshold as low as 1.4 V over the range up to 5.5 V.
It can handle both analog and digital signals and permits
signals with amplitudes of up to VCC to be transmitted in
either direction.
Power down protection circuit is built in to prevent abnormal
current path through signal pins during power down
condition.
Each output pin (A, B0, or B1) can withstand greater than
8 kV (human body model).
It is available in both SC-70-6 and miniQFN6 packages.
The features make it an ideal part for the switching of audio,
video, and data stream.




Similar Part No. - DG4157

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4157 VISHAY-DG4157 Datasheet
142Kb / 8P
Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
24-Nov-08
DG4157 VISHAY-DG4157 Datasheet
190Kb / 10P
Low Voltage, 1-ohm Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
07-Sep-09
DG4157DL-T1-E3 VISHAY-DG4157DL-T1-E3 Datasheet
142Kb / 8P
Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
24-Nov-08
DG4157DL-T1-E3 VISHAY-DG4157DL-T1-E3 Datasheet
190Kb / 10P
Low Voltage, 1-ohm Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
07-Sep-09
DG4157DN-T1-E4 VISHAY-DG4157DN-T1-E4 Datasheet
142Kb / 8P
Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
24-Nov-08
More results


Similar Description - DG4157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158 ONSEMI-NLAS3158_05 Datasheet
113Kb / 12P
Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
Vishay Siliconix
DG3157A VISHAY-DG3157A Datasheet
122Kb / 7P
Low Voltage, 300-MHz - 3 dB Bandwidth, SPDT Analog Switch with Power Down Protection (2:1 Multiplexer/Demultiplexer Bus Switch)
25-Aug-08
DG4157 VISHAY-DG4157 Datasheet
142Kb / 8P
Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
24-Nov-08
DG4157 VISHAY-DG4157_09 Datasheet
190Kb / 10P
Low Voltage, 1-ohm Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
07-Sep-09
logo
Fairchild Semiconductor
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158_15 Datasheet
101Kb / 12P
Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
logo
Vishay Siliconix
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com