Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3070053 Datasheet (PDF) - PHOENIX CONTACT

3070053 Datasheet PDF - PHOENIX CONTACT
Part # 3070053
Download  3070053 Download
File Size   228.25 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse modular terminal block - UT 4-PE/HESILED 24 (5X20)

3070053 Datasheet (PDF)

Go To PDF Page Download Datasheet
3070053 Datasheet PDF - PHOENIX CONTACT

Part # 3070053
Download  3070053 Click to download

File Size   228.25 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse modular terminal block - UT 4-PE/HESILED 24 (5X20)

3070053 Datasheet (HTML) - PHOENIX CONTACT


3070053 Product details

Fuse modular terminal block, fuse type: Glass / ceramics / ..., connection method: Screw connection, cross
section: 0.14 mm²- 6 mm², AWG: 26 - 10, nominal current: 6.3 A, nom. voltage: 24 V, width: 6.2 mm, fuse
type: G / 5 x 20, mounting type: NS 35/7,5, NS 35/15, color: black




Similar Part No. - 3070053

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
307005120 MOLEX4-307005120 Datasheet
351Kb / 4P
2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64??High Density AutomotiveHeader, Dual Row, Right Angle 12 Circuits
More results


Similar Description - 3070053

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3036826 PHOENIX-3036826 Datasheet
84Kb / 5P
Fuse modular terminal block - UT 4-HESILED 24 (5X20) 820KOHM
3046090 PHOENIX-3046090 Datasheet
97Kb / 6P
Fuse modular terminal block - UT 4-HESILED 24 (5X20)
3070066 PHOENIX-3070066 Datasheet
84Kb / 5P
Fuse modular terminal block - UT 4-PE/HESILED 60 (5X20)
3214321 PHOENIX-3214321 Datasheet
83Kb / 5P
Fuse modular terminal block - UT 4-PE/L/HESILED 24 (5X20)
09/26/2019
3214366 PHOENIX-3214366 Datasheet
83Kb / 5P
Fuse modular terminal block - UT 4-L/HESILED 24 (5X20)
3248005 PHOENIX-3248005 Datasheet
540Kb / 18P
Fuse modular terminal block - UT 4-HESILED 24 (5X20) 120KOHM
3046126 PHOENIX-3046126 Datasheet
492Kb / 19P
Fuse modular terminal block - UT 4-HESILED 60 (5X20)
3046537 PHOENIX-3046537 Datasheet
554Kb / 19P
Fuse modular terminal block - UT 4-HESILED 24 (5X20) BU
3074172 PHOENIX-3074172 Datasheet
896Kb / 19P
Fuse modular terminal block - UT 4-HESILED 24 (5X20) GY
3214322 PHOENIX-3214322 Datasheet
571Kb / 20P
Fuse modular terminal block - UT 4-PE/L/HESILED 60 (5X20)
09/30/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com