Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI1865DL Datasheet (PDF) - Vishay Siliconix

SI1865DL Datasheet PDF - Vishay Siliconix
Part # SI1865DL
Download  SI1865DL Download
File Size   117.08 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Load Switch with Level-Shift

SI1865DL Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1865DL Datasheet PDF - Vishay Siliconix

Part # SI1865DL
Download  SI1865DL Click to download

File Size   117.08 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Load Switch with Level-Shift

SI1865DL Datasheet (HTML) - Vishay Siliconix


SI1865DL Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• 215 mΩ Low RDS(on) TrenchFET®
• 1.8 V to 8 V Input
• 1.5 V to 8 V Logic Level Control
• Low Profile, Small Footprint SC70-6 Package
• 2000 V ESD Protection On Input Switch, VON/OFF
• Adjustable Slew-Rate
• 1.8 V Rated
• Compliant to RoHS Directive 2002/95/EC

DESCRIPTION
The Si1865DL includes a p- and p-channel MOSFET in a
single SC70-6 package. The low on-resistance p-channel
TrenchFET is tailored for use as a load switch. The
n-channel, with an external resistor, can be used as a levelshift
to drive the p-channel load-switch. The n-channel
MOSFET has internal ESD protection and can be driven by
logic signals as low as 1.5 V. The Si1865DL operates on
supply lines from 1.8 V to 8 V, and can drive loads up to 1.2 A.




Similar Part No. - SI1865DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1865DL VISHAY-SI1865DL Datasheet
44Kb / 5P
Load Switch with Level-Shift
29-Jan-01
More results


Similar Description - SI1865DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
Load Switch with Level-Shift
04-Mar-02
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
Load Switch with Level-Shift
05-Aug-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
Load Switch with Level-Shift
20-Sep-10
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
Load Switch with Level-Shift
08-Nov-10
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
Load Switch with Level-Shift
12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
Load Switch with Level-Shift
05-Apr-10
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
Load Switch with Level-Shift
08-Sep-14
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
Load Switch with Level-Shift
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com