Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4030-24 Datasheet (PDF) - Analog Devices

AD4030-24 Datasheet PDF - Analog Devices
Part # AD4030-24
Download  AD4030-24 Download
File Size   2610.14 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 2 MSPS, SAR ADC

AD4030-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4030-24 Datasheet PDF - Analog Devices

Part # AD4030-24
Download  AD4030-24 Click to download

File Size   2610.14 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 2 MSPS, SAR ADC

AD4030-24 Datasheet (HTML) - Analog Devices


AD4030-24 Product details

GENERAL DESCRIPTION
The AD4030-24 is a 2 MSPS successive approximation register
(SAR) analog-to-digital converter (ADC) with Easy Drive™. With
a guaranteed maximum ±0.9 ppm integral nonlinearity (INL) and
no missing codes at 24-bits, the AD4030-24 achieves unparalleled
precision from −40°C to +125°C. Figure 1 shows the functional
architecture of the AD4030-24.
A low-drift, internal precision reference buffer eases voltage
reference sharing with other system circuitry. The AD4030-24 offers
a typical dynamic range of 109 dB when using a 5 V reference.
The low noise floor enables signal chains requiring less gain and
lower power. A block averaging filter with programmable decimation
ratio can increase dynamic range up to 155.5 dB. The wide
differential input and common mode ranges allow inputs to use
the full ±VREF range without saturating, simplifying signal conditioning
requirements and system calibration. The improved settling of
the Easy Drive analog inputs broadens the selection of analog
front-end components compatible with the AD4030-24. Both singleended
and differential signals are supported.
The versatile Flexi-SPI serial peripheral interface (SPI) eases host
processor and ADC integration. A wide data clocking window,
multiple SDO lanes, and optional DDR data clocking can reduce
the serial clock to 10 MHz while operating at a sample rate of 2
MSPS. Echo clock mode and ADC host clock mode relax the timing
requirements and simplify the use of digital isolators.
The BGA package of the AD4030-24 integrates all critical power
supply and reference bypass capacitors, reducing the footprint and
system component count, and lessening sensitivity to board layout.

FEATURES
► High performance
► Throughput: 2 MSPS maximum
► INL: ±0.9 ppm maximum from −40°C to +125°C
► SNR: 108.4 dB typical
► THD: −127 dB typical
► NSD: −169 dBFS/Hz typical
► Low power
► 30 mW at 2 MSPS
► 3 mW at 10 kSPS
► Easy Drive™ features reduce system complexity
► Low 1.2 μA input current for dc inputs
► Wide input common-mode range: −(1/128) × VREF to +(129/128) × VREF
► Flexible external reference voltage range: 4.096 V to 5 V
► Accurate integrated reference buffer with 2 μF bypass capacitor
► Programmable block averaging filter with up to 216 decimation
► Extended sample resolution to 30 bits
► Overrange and synchronization bits
► Flexi-SPI digital interface
► 1, 2, or 4 SDO lanes allows slower SCK
► Echo clock mode simplifies use of digital isolator
► Compatible with 1.2 V to 1.8 V logic
► 7 mm × 7 mm 64-Ball CSP_BGA package with internal supply and reference capacitors to help reduce system footprint

APPLICATIONS
► Automatic test equipment
► Digital control loops
► Medical instrumentation
► Seismology
► Semiconductor manufacturing
► Scientific instrumentation




Similar Part No. - AD4030-24

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4030-24 AD-AD4030-24 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4030-24BBCZ AD-AD4030-24BBCZ Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4030-24BBCZ-RL AD-AD4030-24BBCZ-RL Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Similar Description - AD4030-24

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD7641 AD-AD7641_15 Datasheet
673Kb / 28P
18-Bit, 2 MSPS SAR ADC
REV. 0
logo
Texas Instruments
ADS9110 TI1-ADS9110 Datasheet
1Mb / 62P
18-Bit, 2-MSPS, 15-mW, SAR ADC
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD7641 AD-AD7641_17 Datasheet
542Kb / 29P
18-Bit, 2 MSPS SAR ADC
14-Apr-2017
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
24-Bit, 2 MSPS, Dual Channel SAR ADC
11/2021-Revision 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com