Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6817M Datasheet (PDF) - Analog Devices

ADBMS6817M Datasheet PDF - Analog Devices
Part # ADBMS6817M
Download  ADBMS6817M Download
File Size   185.19 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel Multicell Battery Monitor

ADBMS6817M Datasheet (PDF)

Go To PDF Page Download Datasheet
ADBMS6817M Datasheet PDF - Analog Devices

Part # ADBMS6817M
Download  ADBMS6817M Click to download

File Size   185.19 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel Multicell Battery Monitor

ADBMS6817M Datasheet (HTML) - Analog Devices


ADBMS6817M Product details

GENERAL DESCRIPTION
The ADBMS6817M is a multicell battery stack monitor that measures
up to eight series connected battery cells with a lifetime total
measurement error (TME) of less than 1.9 mV. The cell measurement
range of 0 V to 5 V makes the ADBMS6817M suitable for
most battery chemistries. All eight cells can be measured in 304 μs,
and lower data acquisition rates can be selected for high noise
reduction.
Multiple ADBMS6817M devices can be connected in series, permitting
simultaneous cell monitoring of long, high voltage battery
strings. Each ADBMS6817M has an isolated serial peripheral interface
(isoSPI™) interface for high speed, RF immune, long distance
communications. Multiple devices are connected in a daisy chain
with one host processor connection for all devices. This daisy chain
can operate bidirectionally to ensure communication integrity even
in the event of a fault along the communication path.
The ADBMS6817M can be powered directly from the battery stack
or from an isolated supply. The ADBMS6817M includes passive
balancing for each cell, with individual pulse-width modulation
(PWM) duty cycle control for each cell. Other features include an
on-board 5 V regulator, seven general-purpose input and output
(GPIOx) lines, and a sleep state, where current consumption is
reduced to 5.5 μA.

FEATURES
► Measures up to 8 battery cells in series
► Maximum lifetime total measurement error: ±1.9 mV at 3.3 V per cell (–40°C to +85°C)
► Stackable architecture for high voltage battery packs
► Built-in isoSPI interface
► 2 Mbps isolated serial communications
► Uses a single twisted pair, up to 20 meters
► Low EMI susceptibility and emissions
► Bidirectional for broken wire protection
► Capacitor or transformer coupled
► Hot plug tolerant without external protection
► Diagnostics for IC and application circuit failure modes
► 304 μs to measure all cells in a system
► 16-bit ADC with programmable noise filter
► Passive cell balancing up to 300 mA per channel with programmable PWM
► 7 GPIOx or analog inputs
► Temperature or other sensor inputs
► Configurable as an I2C or SPI controller
► Sleep state V+ supply current: 5.5 μA typical
► Cell and temperature monitoring in key-off state (LPCM)
► 48-lead LFCSP_SS package with exposed pad
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► Electric and hybrid electric vehicles
► Backup battery systems
► Grid energy storage
► Large portable power banks




Similar Part No. - ADBMS6817M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
More results


Similar Description - ADBMS6817M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6802-1 LINER-LTC6802-1 Datasheet
262Kb / 32P
Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6813-1 LINER-LTC6813-1 Datasheet
1Mb / 86P
Multicell Battery Monitor
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
ADBMS6815 AD-ADBMS6815 Datasheet
120Kb / 2P
12-Channel Multicell Battery Monitor
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
16-Channel Multicell Battery Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com