Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM1001 Datasheet (PDF) - Analog Devices

ADGM1001 Datasheet PDF - Analog Devices
Part # ADGM1001
Download  ADGM1001 Download
File Size   2604.82 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0 Hz/DC to 34 GHz, SPDT MEMS Switches

ADGM1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADGM1001 Datasheet PDF - Analog Devices

Part # ADGM1001
Download  ADGM1001 Click to download

File Size   2604.82 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0 Hz/DC to 34 GHz, SPDT MEMS Switches

ADGM1001 Datasheet (HTML) - Analog Devices


ADGM1001 Product details

GENERAL DESCRIPTION
The ADGM1001 is a wideband, single-pole, two-throw (SP2T)
switch, fabricated using Analog Devices, Inc., micro-electromechanical
system (MEMS) switch technology. This technology enables a
small form factor, wide RF bandwidth, highly linear, low insertion
loss switch that is operational down to 0 Hz/dc, making it an ideal
solution for a wide range of RF and precision equipment switching
needs. The device is packaged in a 24-lead, 5.00 mm × 4.00 mm ×
0.90 mm, land grid array (LGA) package.
An integrated control chip generates the high voltage necessary to
electrostatically actuate the switch via a complementary metal-oxide
semiconductor (CMOS)-/low voltage transistor-transistor logic
(LVTTL)-compatible parallel interface. All switches are independently
controllable.
Multifunction pin names may be referenced by their relevant function only.

FEATURES
► ADGM1001: DC to 34 GHz
► ADGM1002: DC to 20 GHz
► ADGM1003: DC to 16 GHz
► Insertion loss (ADGM1001)
► 0.8 dB (typical) at 18 GHz
► 1.5 dB (typical) at 34 GHz
► IIP3: 76 dBm (typical) (ADGM1001)
► Maximum RF power: 33 dBm (ADGM1001)
► On resistance: 3.4 Ω (typical)
► Maximum dc current: 200 mA (ADGM1001)
► Actuation lifetime: 100 million cycles (minimum)
► On switching time (tON): 200 μs (typical)
► Integrated 3.3 V driver for simple control with parallel and SPI
► Independently controllable switches
► Space-saving integrated passive components
► Small, 5.00 mm × 4.00 mm × 0.90 mm, 24-lead LGA package
► Temperature range: –40°C to +85°C

APPLICATIONS
► ATE load and probe boards
► DC and high speed loop back testing
► Relay replacements
► Reconfigurable filters and attenuators
► Military and microwave radios
► Cellular infrastructure: 5G mmWave
► Supports digital standards: PCIe Gen4/Gen5/Gen6, USB 3 and USB 4, and PAM 4




Similar Part No. - ADGM1001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGM1004 AD-ADGM1004 Datasheet
1Mb / 32P
0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
11/2019-Rev. C to Rev. D
ADGM1004JCPZ-R2 AD-ADGM1004JCPZ-R2 Datasheet
1Mb / 32P
0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
11/2019-Rev. C to Rev. D
ADGM1004JCPZ-RL7 AD-ADGM1004JCPZ-RL7 Datasheet
1Mb / 32P
0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
11/2019-Rev. C to Rev. D
More results


Similar Description - ADGM1001

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
M3SW_A-2-50DR MINI-M3SW_A-2-50DR Datasheet
128Kb / 1P
High Isolation Switches SPDT, DC to 4.5 GHz
SWM_A-2-50DR MINI-SWM_A-2-50DR Datasheet
163Kb / 1P
High Isolation Switches SPDT, DC to 4.5 GHz
ZASWA-2-50DR MINI-ZASWA-2-50DR Datasheet
79Kb / 1P
SWITCHES VERY HIGH ISOLATION, SPDT, DC to 5 GHz
logo
List of Unclassifed Man...
RMSW220D ETC2-RMSW220D Datasheet
259Kb / 2P
SPDT DC to 40 GHz, RF - MEMS
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Analog Devices
ADGM1004 AD-ADGM1004 Datasheet
1Mb / 32P
0 Hz/DC to 13 GHz, 2.5 kV HBM ESD, SP4T, MEMS Switch with Integrated Driver
11/2019-Rev. C to Rev. D
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Analog Devices
ADGM1304 AD-ADGM1304_V01 Datasheet
1Mb / 34P
0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
Rev. G
ADGM1144 AD-ADGM1144 Datasheet
2Mb / 28P
0 Hz/DC to 18 GHz, SP4T, MEMS Switch
Rev. 0
ADGM1121 AD-ADGM1121 Datasheet
6Mb / 27P
0 Hz/DC to 18 GHz, DPDT, MEMS Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com