Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4357HU Datasheet (PDF) - M.S. Kennedy Corporation

MSK4357HU Datasheet PDF - M.S. Kennedy Corporation
Part # MSK4357HU
Download  MSK4357HU Download
File Size   335.65 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 28 AMP, 500 VOLT IGBT PLUS DIODE SMART POWER 3-PHASE MOTOR DRIVE HYBRID

MSK4357HU Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4357HU Datasheet PDF - M.S. Kennedy Corporation

Part # MSK4357HU
Download  MSK4357HU Click to download

File Size   335.65 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 28 AMP, 500 VOLT IGBT PLUS DIODE SMART POWER 3-PHASE MOTOR DRIVE HYBRID

MSK4357HU Datasheet (HTML) - M.S. Kennedy Corporation


MSK4357HU Product details

DESCRIPTION:
The MSK 4357 is a 28 Amp, 3 Phase Bridge Smart Power Motor Drive Hybrid with a 500 volt rating. The output switches are Insulated Gate Bipolar Transistors (IGBTs) tailored for high switching speeds. The free-wheeling diodes are the new Fast Recovery Epitaxial Diodes (FREDs) to provide matched current capabilities with the IGBTs and are specified with excellent reverse recovery times at high current ratings. This new smart power motor drive hybrid is compatible with 5V CMOS or TTL logic levels. The internal circuitry prevents simultaneous turn-on of the in-line half bridge transistors with a built-in 2uS deadtime to prevent shoot-through. Undervoltage lockout shuts down the bridge when the supply voltage gets to a point of incomplete turn-on of the output switches. The internal high-side power supply derived from the +15 volt supply completely eliminates the need for 3 floating independent power supplies for the high-side drive.

FEATURES:
• 500V, 28 Amp Capability
• Ultra Low Thermal Resistance
• Integral Free Wheeling Fast Recovery Epitaxial Diode (FRED)
• Self-Contained, Smart Lowside/Highside Drive Circuitry
• Under-Voltage Lockout, Internal 2uS Deadtime
• Capable of Switching Frequencies to 25KHz
• Isolated Case Allows Direct Heat Sinking
• Case Bolt-down Design Allows Superior Heat Dissipation




Similar Part No. - MSK4357HU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4357 MSK-MSK4357_15 Datasheet
207Kb / 6P
Ultra Low Thermal Resistance
More results


Similar Description - MSK4357HU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4358 MSK-MSK4358 Datasheet
421Kb / 6P
25 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4322 MSK-MSK4322 Datasheet
324Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351 MSK-MSK4351 Datasheet
405Kb / 6P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Anaren Microwave
MSK4351-1 ANAREN-MSK4351-1 Datasheet
891Kb / 7P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
MSK4304RH ANAREN-MSK4304RH Datasheet
153Kb / 7P
10 AMP, 100 VOLT RAD HARD MOSFET POWER 3-PHASE MOTOR DRIVE HYBRID
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com