Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79511 Datasheet (PDF) - Microchip Technology

MCP79511 Datasheet PDF - Microchip Technology
Part # MCP79511
Download  MCP79511 Download
File Size   899.86 Kbytes
Page   58 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Battery-Backed SPI Real-Time Clock/Calendar

MCP79511 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP79511 Datasheet PDF - Microchip Technology

Part # MCP79511
Download  MCP79511 Click to download

File Size   899.86 Kbytes
Page   58 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Battery-Backed SPI Real-Time Clock/Calendar

MCP79511 Datasheet (HTML) - Microchip Technology


MCP79511 Product details

Description
The MCP795XX Real-Time Clock/Calendar (RTCC)
tracks time using internal counters for hours, minutes,
seconds, hundredth of seconds, days, months, years
and day of week. Alarms can be configured on all
counters up to and including months. For usage and
configuration, the MCP795XX supports SPI
communications up to 5 MHz.
The MCP795XX is designed to operate using a
32.768 kHz tuning fork crystal with external crystal
load capacitors. On-chip digital trimming can be used
to adjust for frequency variance caused by crystal
tolerance and temperature.
SRAM and timekeeping circuitry are powered from the
backup supply when main power is lost, allowing the
device to maintain accurate time and the SRAM
contents. The times when the device switches over to
the backup supply and when primary power returns
are both logged by the power-fail timestamp.
The MCP795XX features 128 bits of EEPROM which
is only writable after an unlock sequence, making it
ideal for storing a unique ID or other critical
information. The MCP795X1 and MCP795X2 are
preprogrammed with EUI-48 and EUI-64 addresses,
respectively. Custom programming is also available.
The MCP795XX has a shared pin for outputting a
selectable frequency square wave or alarm signals.

Timekeeping Features
• Real-Time Clock/Calendar (RTCC):
- Hours, minutes, seconds, hundredth of
seconds, day of week, date, month, year
- Leap year compensated to 2399
- 12/24-hour modes
• Oscillator for 32.768 kHz Crystals:
- Optimized for 6-9 pF crystals
• On-Chip Digital Trimming/Calibration:
- ±1 ppm resolution
- ±259 ppm range
• Dual Programmable Alarms
• Clock Output Function with Selectable Frequency
• Power-Fail Timestamp:
- Time logged on switchover to and from Battery mode

Low-Power Features
• Wide Voltage Range:
- Operating voltage range of 1.8V to 3.6V
- Backup voltage range of 1.3V to 3.6V
• Low Typical Timekeeping Current:
- Operating from VCC: 1.2 μA at 3.0V
- Operating from VBAT: 1.0 μA at 3.0V
• Automatic Switchover to Battery Backup




Similar Part No. - MCP79511

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MCP79511 MAS-MCP79511 Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
More results


Similar Description - MCP79511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
SPI Real-Time Clock Calendar
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com