Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC826WYMT-T5 Datasheet (PDF) - Microchip Technology

MIC826WYMT-T5 Datasheet PDF - Microchip Technology
Part # MIC826WYMT-T5
Download  MIC826WYMT-T5 Download
File Size   1721.25 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs

MIC826WYMT-T5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC826WYMT-T5 Datasheet PDF - Microchip Technology

Part # MIC826WYMT-T5
Download  MIC826WYMT-T5 Click to download

File Size   1721.25 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs

MIC826WYMT-T5 Datasheet (HTML) - Microchip Technology


MIC826WYMT-T5 Product details

General Description
The MIC826 is a low-current, ultra-small, voltage
supervisor with manual reset input, watchdog timer,
and active-high and active-low push-pull outputs. The
reset outputs are asserted and held when the supply
voltage falls below the factory-programmed threshold
voltage, when the /MR pin is pulled low, or if the
watchdog times out. Reset is asserted for the reset
timeout delay after the supply voltage increases above
the rising threshold voltage or when manual reset input
is asserted high.
The MIC826 features an integrated pull-up resistor on
the /MR. An active-low push-pull reset output (/RESET)
and an active-high reset output (RESET) provide
flexibility when interfacing with various
microcontrollers, PMICs, or load switches. The
watchdog input can be left unconnected for
applications that do not require watchdog monitoring.
The MIC826 consumes a quiescent current of only
3.8 μA and is offered in a tiny, space-saving, 6-lead
1.6 mm x 1.6 mm UDFN package. It is rated for the
–40°C to +125°C temperature range.

Features
• Precision 1.8V to 5V Power Supply Monitor
• ±0.5% Threshold Accuracy at TA = +25°C
• ±1.5% Threshold Accuracy from TA = –40°C to +125°C
• 3.8 μA Supply Current (MIC826S/R/T/W/Y/Z)
• 4.8 μA Supply Current (MIC826L/M)
• Manual Reset Input
• 140 ms (min.) Reset Timeout Period
• 1.6s (typ.) Watchdog Timeout Period
• Float Watchdog Timer Input to Disable Watchdog Timer
• Active-High and Active-Low Push-Pull Outputs
• Ensured Reset Output Valid to VCC = 1V
• –40°C to +125°C Junction Temperature Range
• 6-Lead 1.6 mm x 1.6 mm x 0.5 mm UDFN Package
• 50% Smaller Version of MAX823/MAX824/MAX825/ADM823/ADM824/ADM825
• 8x Lower Watchdog Input Current than the Competition

Applications
• Microprocessor Systems
• Computers
• Intelligent Instruments




Similar Part No. - MIC826WYMT-T5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC826WYMT MICREL-MIC826WYMT Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
More results


Similar Description - MIC826WYMT-T5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
December 6, 2006
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
January 12, 2009
logo
Maxim Integrated Produc...
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Union Semiconductor, In...
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
Supply Voltage Supervisor w/Watchdog Input and Manual Reset
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com