Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2522 Datasheet (PDF) - Vishay Siliconix

DG2522 Datasheet PDF - Vishay Siliconix
Part # DG2522
Download  DG2522 Download
File Size   185.39 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)

DG2522 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2522 Datasheet PDF - Vishay Siliconix

Part # DG2522
Download  DG2522 Click to download

File Size   185.39 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)

DG2522 Datasheet (HTML) - Vishay Siliconix


DG2522 Product details

FEATURES
• Isolation at V+ = 0 V and signal above V+
• Logic input tolerates up to 5.5 V
• 1.6 V to 5.5 V operation voltage range
• Guaranteed 1.8 V VTH(high) at V+ = 4.5 V
• 0.008 % total harmonic distortion
• Low switch on-resistance
• 300 mA latch up current per JESD78

BENEFITS
• Ultra small miniQFN8 package of 1.4 mm x 1.4 mm
x 0.55 mm
• High fidelity audio switch
• Reed relay replacement
• Low power consumption

APPLICATIONS
• Cellular phones and PDAs
• GPS and portable media players
• Modems and wireless cards
• Computers peripherals
• Communication and network circuits
• Low voltage data acquisition systems
• Portable instrumentation

DESCRIPTION
The DG2522 is a low on-resistance SP3T analog switch
design to operation from 1.6 V to 5.5 V.
The DG2522 switches signals in either direction with
amplitudes up to V+. Protection circuit is built in to isolate the
signals if any of them swings above V+. It guaranteed low
leakage level for isolation in power down mode.
Built on Vishay Siliconix’s sub-micro CMOS technology, the
DG2522 achieves switch on-resistance of 0.8 Ω at 4.5 V V+
with 0.6 Ω flatness. It has superior 0.008 % THD (total
harmonic distortion) over frequency of 20 Hz to 20 kHz. It
provides - 59 dB off-Isolation, - 65 dB crosstalk at 1 MHz, and
105 MHz - 3 dB bandwidth.
The select pin of the control logic input can tolerate voltages
above V+ up to 5.5 V. Logic high 1.8 V is guaranteed over the
full V+ range that makes it compatible with many low voltage
digital control circuits.
The features of ultra small package size, wide V+ range, low
on-resistance, low logic threshold, and switch isolation under
fault condition make it an ideal device for battery operated
devices to handle signals such as audio, video, data stream,
and other high accuracy signals.
The DG2522 comes in a small miniQFN-8 lead package of
1.4 mm x 1.4 mm x 0.55 mm. As a committed partner to the
community and the environment, Vishay Siliconix
manufactures this product with the lead (Pb)-free device
termination and is 100 % RoHS compliant.




Similar Part No. - DG2522

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2522 VISHAY-DG2522 Datasheet
148Kb / 8P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
29-Sep-08
DG2522 VISHAY-DG2522 Datasheet
165Kb / 9P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
23-Feb-09
DG2522DN-T1-E4 VISHAY-DG2522DN-T1-E4 Datasheet
148Kb / 8P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
29-Sep-08
DG2522DN-T1-E4 VISHAY-DG2522DN-T1-E4 Datasheet
165Kb / 9P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
23-Feb-09
DG2522 VISHAY-DG2522_09 Datasheet
165Kb / 9P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
23-Feb-09
More results


Similar Description - DG2522

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3357 FAIRCHILD-FSA3357 Datasheet
112Kb / 7P
Low Voltage SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Vishay Siliconix
DG2522 VISHAY-DG2522 Datasheet
148Kb / 8P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
29-Sep-08
logo
Texas Instruments
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
logo
Vishay Siliconix
DG2522 VISHAY-DG2522_09 Datasheet
165Kb / 9P
Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
23-Feb-09
logo
Texas Instruments
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com