Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2720 Datasheet (PDF) - Vishay Siliconix

DG2720 Datasheet PDF - Vishay Siliconix
Part # DG2720
Download  DG2720 Download
File Size   165.5 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch

DG2720 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2720 Datasheet PDF - Vishay Siliconix

Part # DG2720
Download  DG2720 Click to download

File Size   165.5 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch

DG2720 Datasheet (HTML) - Vishay Siliconix


DG2720 Product details

FEATURES
• Wide operation voltage range
• Low on-resistance, 5.7 Ω (typical at 3 V)
• Low capacitance, 5.6 pF (typical)
• 3 dB high bandwidth with 5 pF load:
620 MHz (typical)
• Low bit to bit skew: 40 pS (typical)
• Low power consumption
• Low logic threshold: V
• Power down protection: D+/D- pins can tolerate up to 5 V
when V+ = 0 V
• Logic (S and OE) above V+ tolerance
• Latch-up current greater than 300 mA per JESD78
• 8 kV ESD protection (HBM)
• Lead (Pb)-free low profile miniQFN-10 (1.4 mm x 1.8 mm
x 0.55 mm)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Cellular phones
• Portable media players
• PDA
• Digital camera
• GPS
• Notebook computer
• TV, monitor, and set top box

DESCRIPTION
The DG2720 is 2 Port high speed analog switch optimized
for USB 2.0 signal switching. The DG2720 switch is
configured in DPDT. It handles bidirectional signal flow,
achieving a 620 MHz -3 dB bandwidth with 5 pF load, and a
port to port Crosstalk and isolation at -49 dB.
Processed with high density sub micron CMOS, the
DG2720 provide low parasitic capacitance. Signals are
routed with minimized phase distortion and attain a bit to bit
skew is as low as 40 pS.
The DG2720 is designed for a wide range of operating
voltages, from 2.7 V to 4.3 V that can be driven directly from
one cell Li-ion battery. On-chip circuitry protects against
conditions when either the D+/D- lines are shorted to the
VBUS at the USB port. Additionally, logic control pins (S and
OE) can tolerate the presence of voltages that are above the
supply power rail (V+). The control logic threshold is
guaranteed to be (VIH = 1.3 V/min).
Latch up current is greater than 300 mA, as per JESD78, and
its ESD tolerance exceeds 8 kV.
Packaged in ultra small miniQFN-10 (1.4 mm x 1.8 mm x
0.55 mm), it is ideal for portable high speed mix signal
switching application.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with lead (Pb)-free device termination. The miniQFN-10
package has a nickel-palladium-gold device termination
and is represented by the lead (Pb)-free “-E4” suffix to the
ordering part number. The nickel-palladium-gold device
terminations meet all JEDEC® standards for reflow and MSL
rating.
As a further sign of Vishay Siliconix's commitment, the
DG2720 is fully RoHS complaint.




Similar Part No. - DG2720

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jun-08
DG2720DN-T1-E4 VISHAY-DG2720DN-T1-E4 Datasheet
133Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jun-08
More results


Similar Description - DG2720

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_07 Datasheet
160Kb / 11P
High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jun-08
DG2722 VISHAY-DG2722 Datasheet
130Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
13-Oct-08
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Vishay Siliconix
DG2722 VISHAY-DG2722_11 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
18-Jul-11
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Vishay Siliconix
DG2722 VISHAY-DG2722_V01 Datasheet
151Kb / 10P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
14-Nov-11
DG2730 VISHAY-DG2730_V01 Datasheet
162Kb / 10P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jan-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com