Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2730 Datasheet (PDF) - Vishay Siliconix

DG2730 Datasheet PDF - Vishay Siliconix
Part # DG2730
Download  DG2730 Download
File Size   162.38 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch

DG2730 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2730 Datasheet PDF - Vishay Siliconix

Part # DG2730
Download  DG2730 Click to download

File Size   162.38 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch

DG2730 Datasheet (HTML) - Vishay Siliconix


DG2730 Product details

FEATURES
• Wide operation voltage range
• Low on-resistance, 5.5 Ω (typical at 3 V)
• Low capacitance, CON = 5.8 pF (typical)
• 3 dB high bandwidth: 900 MHz (typical)
• Low bit to bit skew: 40 ps (typical)
• Low power consumption
• Low logic threshold: V
• Power down protection: D+/D- pins can tolerate up to
5.5 V when V+ = 0 V
• 5.5 kV ESD protection (HBM)
• Latch-up current 500 mA per JESD78
• Lead (Pb)-free low profile miniQFN-10 (1.4 mm x 1.8 mm
x 0.55 mm)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Cellular phones
• Portable media players
• PDA
• Digital camera
• GPS
• Notebook computer
• TV, monitor, and set top box

DESCRIPTION
The DG2730 is 2 port high speed analog switch optimized
for USB 2.0 signal switching. The DG2730 switch is
configured in DPDT. It handles bidirectional signal flow,
achieving a 900 MHz -3 dB bandwidth, a port to port
crosstalk at -36 dB and isolation at -29 dB, measured at
240 MHz.
Processed with high density sub micron CMOS, the
DG2730 provide low parasitic capacitance. Signals are
routed with minimized phase distortion and attain a bit to bit
skew is as low as 40 ps.
The DG2730 is designed for a wide range of operating
voltages, from 2.7 V to 5.5 V that can be driven directly
from one cell Li-ion battery or 5 V power supply. On-chip
circuitry protects against conditions when either the D+ / Dlines
are shorted to the VBUS at the USB port. Additionally,
logic control pins (S and OE) can tolerate the presence of
voltages that are above the supply power rail (V+). The
control logic threshold is guaranteed to be (VIH = 1.3 V/min
up to V+ = 3.6 V). Latch up current is 500 mA, as per
JESD78, and its ESD tolerance exceeds 5.5 kV.
Packaged in ultra small miniQFN-10 (1.4 mm x 1.8 mm x
0.55 mm), it is ideal for portable high speed mix signal
switching application.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with lead (Pb)-free device termination. The miniQFN-10
package has a nickel-palladium-gold device termination
and is represented by the lead (Pb)-free “-GE4” suffix to the
ordering part number. The nickel-palladium-gold device
terminations meet all JEDEC® standards for reflow and MSL
rating.
As a further sign of Vishay Siliconix’s commitment, the
DG2730 is fully RoHS-complaint.




Similar Part No. - DG2730

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
DG2730DN-T1-GE4 VISHAY-DG2730DN-T1-GE4 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
logo
TECH PUBLIC Electronics...
DG2730DN-TP TECHPUBLIC-DG2730DN-TP Datasheet
3Mb / 7P
High Speed USB 2.0 (480Mbps) DPDT Analog Switch
More results


Similar Description - DG2730

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_07 Datasheet
160Kb / 11P
High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jun-08
DG2722 VISHAY-DG2722 Datasheet
130Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
13-Oct-08
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Vishay Siliconix
DG2722 VISHAY-DG2722_11 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
18-Jul-11
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Vishay Siliconix
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
15-Dec-14
DG2722 VISHAY-DG2722_V01 Datasheet
151Kb / 10P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
14-Nov-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com