Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2750 Datasheet (PDF) - Vishay Siliconix

DG2750 Datasheet PDF - Vishay Siliconix
Part # DG2750
Download  DG2750 Download
File Size   165.65 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability

DG2750 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2750 Datasheet PDF - Vishay Siliconix

Part # DG2750
Download  DG2750 Click to download

File Size   165.65 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability

DG2750 Datasheet (HTML) - Vishay Siliconix


DG2750 Product details

FEATURES
• 1.6 V to 5.5 V single power rail operation
• Capable to switch negative swing audio without
DC blocking capacitor
• Low signal distortion: THD+N < -98 dB
• Low on-resistance
• 1.4 V high logic
• Latch-up current > 600 mA (JESD78)
• ESD (HBM): 8 kV
• Reduced power consumption
• Reduce board space
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Cellular phones
• Portable media players
• Computer and game machine
• Handheld healthcare and instruments

DESCRIPTION
The DG2750 is a dual SPDT low on-resistance switch
designed to from a single 1.6 V to 5.5 V power supply. It is a
bi-directional switch, and is capable of switching negative
swing audio without the need for a coupling capacitor. With
a single power supply, the audio signal can swing over the
range from ((V+) - 5) to V+.
Guaranteed to operate with 1.4 V logic when V+ is in the
range of 2.7 V to 5.5 V, the DG2750 will allow an easy
interface with low voltage DSP or ASIC control logic.
The DG2750 is built on sub micron CMOS low voltage
process technology, has very low quiescent current, and
provides greater than 600 mA latch-up protection, as tested
per JESD78.
The DG2750 is assembled in compact mQFN10,
1.4 mm x 1.8 mm x 0.55 mm and ultra thin UTMQFN of
0.35 mm thickness.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with lead (Pb)-free device termination. The miniQFN-10
package has a nickel-palladium-gold device termination
and is represented by the lead (Pb)-free “-E4” suffix to the
ordering part number. The nickel-palladium-gold device
terminations meet all JEDEC® standards for reflow and MSL
rating.
As a further sign of Vishay Siliconix’s commitment, the
DG2750 is fully RoHS-complaint and halogen-free.




Similar Part No. - DG2750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
More results


Similar Description - DG2750

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
FSA2270 FAIRCHILD-FSA2270 Datasheet
155Kb / 2P
Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2271 FAIRCHILD-FSA2271 Datasheet
151Kb / 2P
Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2269 FAIRCHILD-FSA2269_08 Datasheet
409Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2270T FAIRCHILD-FSA2270T_08 Datasheet
410Kb / 2P
Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2271T FAIRCHILD-FSA2271T_08 Datasheet
448Kb / 2P
Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com