Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2788 Datasheet (PDF) - Vishay Siliconix

DG2788 Datasheet PDF - Vishay Siliconix
Part # DG2788
Download  DG2788 Download
File Size   190.12 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch

DG2788 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2788 Datasheet PDF - Vishay Siliconix

Part # DG2788
Download  DG2788 Click to download

File Size   190.12 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch

DG2788 Datasheet (HTML) - Vishay Siliconix


DG2788 Product details

FEATURES
• Wide operation voltage range: 1.65 V to 4.3 V
• Low on-resistance - RON: 0.4 Ω typ. at 2.7 V
• Fast switching: tON = 47 ns
tOFF = 15 ns
• miniQFN-16 package
• Latch-up current > 300 mA (JESD78)


BENEFITS
• Reduced power consumption
• High accuracy
• Reduce board space
• Low voltage logic compatible
• High bandwidth

APPLICATIONS
• Cellular phones
• Speaker headset switching
• Audio and video signal routing
• PCMCIA cards
• Battery operated systems

DESCRIPTION
The DG2788, DG2789 are monolithic CMOS analog
switching products designed for high performance
switching of analog signals. Combining low power, high
speed, low on-resistance and small physical size, the
DG2788, DG2789 are ideal for portable and battery powered
applications requiring high performance and efficient use of
board space.
The DG2788, DG2789 are built on Vishay Siliconix’s low
voltage process. An epitaxial layer prevents latchup.
Break-before-make is guaranteed.
The switch conducts equally well in both directions when
on, and blocks up to the power supply level when off. The
DG2788 is configured as a dual Double Pole Double Throw
switches while the DG2789 is configured as a Quad Single
Pole Double Throw. The DG2789 has one control pin for all
four SPDT switches and also has an enable pin that can turn
all switches off.
The DG2788 and DG2789 comes in a small miniQFN-16
lead package (2.6 mm x 1.8 mm x 0.75 mm).
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations and is 100 %
RoHS compliant.




Similar Part No. - DG2788

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
26-Feb-07
DG2788 VISHAY-DG2788 Datasheet
142Kb / 10P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
28-Feb-11
DG2788A VISHAY-DG2788A Datasheet
184Kb / 10P
Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
12-Sep-16
DG2788A VISHAY-DG2788A Datasheet
235Kb / 10P
0.37 Ω, Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
29-Apr-2019
DG2788ADN-T1-GE4 VISHAY-DG2788ADN-T1-GE4 Datasheet
184Kb / 10P
Low Capacitance, Dual DPDT / Quad SPDT Analog Switch
12-Sep-16
More results


Similar Description - DG2788

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
logo
Vishay Siliconix
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
26-Feb-07
DG2799 VISHAY-DG2799_08 Datasheet
155Kb / 10P
Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
07-Nov-05
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
28-Feb-11
logo
Intersil Corporation
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
logo
Vishay Siliconix
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
17-Oct-16
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Will Semiconductor Ltd.
WAS4799Q WILLSEMI-WAS4799Q Datasheet
795Kb / 8P
Low On Resistance, Quad SPDT Analog Switch
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
Low On Resistance Dual SPDT Analog Switch
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com