Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG441B Datasheet (PDF) - Vishay Siliconix

DG441B Datasheet PDF - Vishay Siliconix
Part # DG441B
Download  DG441B Download
File Size   201.52 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Improved Quad SPST CMOS Analog Switches

DG441B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG441B Datasheet PDF - Vishay Siliconix

Part # DG441B
Download  DG441B Click to download

File Size   201.52 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Improved Quad SPST CMOS Analog Switches

DG441B Datasheet (HTML) - Vishay Siliconix


DG441B Product details

FEATURES
• Low On-Resistance: 45 Ω
• Low Power Consumption: 1 mW
• Fast Switching Action - tON: 120 ns
• Low Charge Injection - Q: - 1 pC
• TTL/CMOS-Compatible Logic
• Single Supply Capability
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912

BENEFITS
• Less Signal Errors and Distortion
• Reduced Power Supply Requirements
• Faster Throughput
• Reduced Pedestal Errors
• Simple Interfacing

APPLICATIONS
• Audio Switching
• Data Acquisition
• Sample-and-Hold Circuits
• Communication Systems
• Automatic Test Equipment
• Medical Instruments

DESCRIPTION
The DG441B, DG442B are monolithic quad analog switches
designed to provide high speed, low error switching of
analog and audio signals. The DG441B, DG442B are
upgrades to the original DG441, DG442.
Combing low on-resistance (45 , typ.) with high speed
(tON 120 ns, typ.), the DG441B, DG442B are ideally
suited for Data Acquisition, Communication Systems,
Automatic Test Equipment, or Medical Instrumentation.
Charge injection has been minimized on the drain for use in
sample-and-hold circuits.
The DG441B, DG442B are built using Vishay Siliconix’s
high-voltage silicon-gate process. An epitaxial layer prevents
latchup.
When on, each switch conducts equally well in both
directions and blocks input voltages to the supply levels
when off.




Similar Part No. - DG441B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
Improved Quad SPST CMOS Analog Switches
15-Dec-03
DG441B VISHAY-DG441B Datasheet
245Kb / 15P
Improved Quad SPST CMOS Analog Switches
04-Jul-11
DG441BDJ VISHAY-DG441BDJ Datasheet
104Kb / 7P
Improved Quad SPST CMOS Analog Switches
15-Dec-03
DG441BDJ VISHAY-DG441BDJ Datasheet
245Kb / 15P
Improved Quad SPST CMOS Analog Switches
04-Jul-11
DG441BDJ-E3 VISHAY-DG441BDJ-E3 Datasheet
245Kb / 15P
Improved Quad SPST CMOS Analog Switches
04-Jul-11
More results


Similar Description - DG441B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
logo
Vishay Siliconix
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
Improved Quad SPST CMOS Analog Switches
15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
Improved Quad SPST CMOS Analog Switches
15-Dec-03
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
Improved Quad SPST CMOS Analog Switches
04-Jul-11
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
Improved Quad SPST CMOS Analog Switches
04-Jul-11
logo
Maxim Integrated Produc...
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
Improved, Quad, SPST Analog Switches
Rev 4; 6/04
logo
Vishay Siliconix
DG444B VISHAY-DG444B_V01 Datasheet
199Kb / 13P
Improved Quad SPST CMOS Analog Switches
27-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com