Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG441LE Datasheet (PDF) - Vishay Siliconix

DG441LE Datasheet PDF - Vishay Siliconix
Part # DG441LE
Download  DG441LE Download
File Size   332.4 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches

DG441LE Datasheet (PDF)

Go To PDF Page Download Datasheet
DG441LE Datasheet PDF - Vishay Siliconix

Part # DG441LE
Download  DG441LE Click to download

File Size   332.4 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches

DG441LE Datasheet (HTML) - Vishay Siliconix


DG441LE Product details

FEATURES
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply
• On-resistance RDS(on): 16 Ω
• Fast switching tON: 18 ns,typ.
• Low parasitic capacitance:
CD(ON): 15 pF
CS(OFF): 5 pF
• Less than 8 pC charge injection over the full
signal swing range
• Low leakage: < 10 pA, typ.
• TTL, CMOS compatible
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.

BENEFITS
• Wide operation voltage range
• Low signal errors and distortion
• Fast switching time
• Minimized switching glitch

APPLICATIONS
• Automatic test equipment
• Process control and automation
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems

DESCRIPTION
The DG441LE, DG442LE monolithic quad
single-pole-single-throw analog switches are designed to
provide high speed, low error switching of analog signals.
The DG441LE has a normally closed function. The DG442LE
has a normally open function.
The DG441LE, DG442LE feature low charge injection of a
few picocoulombs over the full analog switch range.
Combining low on resistance (16 Ω, typ.), low parasitic
capacitance (CD(ON) 15 pF), and fast switching speed
(tON, 18 ns, typ.), the devices are ideal for data acquisition,
sample-and-hold, and ADC input circuit designs.
The DG441LE, DG442LE operate on single and dual
supplies. Single supply voltage ranges from 3 V to 16 V while
dual supply operation is recommended with ± 3 V to ± 8 V.
Each switch conducts equally well in both direction when
on, and blocks input voltages up to the supply levels when
off.
The DG441LE, DG442LE are available in 16 lead TSSOP,
SOIC, and PDIP packages.




Similar Part No. - DG441LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG441LEDJ-GE3 VISHAY-DG441LEDJ-GE3 Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG441LEDQ-GE3 VISHAY-DG441LEDQ-GE3 Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG441LEDQ-T1-GE3 VISHAY-DG441LEDQ-T1-GE3 Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG441LEDY-GE3 VISHAY-DG441LEDY-GE3 Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
More results


Similar Description - DG441LE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV.0
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
logo
Vishay Siliconix
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
25-Jul-16
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
25-Jul-16
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
05-Aug-2019
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com