Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG447 Datasheet (PDF) - Vishay Siliconix

DG447 Datasheet PDF - Vishay Siliconix
Part # DG447
Download  DG447 Download
File Size   283.07 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Power, High Voltage SPST Analog Switches

DG447 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG447 Datasheet PDF - Vishay Siliconix

Part # DG447
Download  DG447 Click to download

File Size   283.07 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Power, High Voltage SPST Analog Switches

DG447 Datasheet (HTML) - Vishay Siliconix


DG447 Product details

FEATURES
• ± 15 V analog signal range
• On-resistance - RDS(on): 25 Ωmax.
• Fast switching action - tON: 100 ns
• VL logic supply not required
• TTL CMOS input compatible
• Rail to rail signal handling
• Dual or single supply operation
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Wide dynamic range
• Low signal errors and distortion
• Break-before-make switching action
• Simple interfacing
• Reduced board space
• Improved reliability

APPLICATIONS
• Precision test equipment
• Precision instrumentation
• Communications systems
• PBX, PABX systems
• Audio equipment
• Redundant systems
• PC multimedia boards
• Hard disc drives

DESCRIPTION
The DG447, DG448 are dual supply single-pole/single-throw
(SPST) switches. On resistance is 25 W maximum and
flatness is 2.2 W max over the specified analog signal range.
These analog switches were designed to provide high
speed, low error switching of precision analog signals. The
primary application areas are in the routing and switching in
telecommunications and test equipment. Combining low
power, low leakages, low on-resistance and small physical
size, the DG477, DG448 are also ideally suited for portable
and battery powered industrial and military equipment.
The DG477 has one normally closed switch, while the
DG448 switch is normally open. They operate either from a
single + 7 V to 36 V supply or from dual ± 4.5 V to ± 20 V
supplies. They are offered in the very popular, small TSOP6
package.




Similar Part No. - DG447

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG447 VISHAY-DG447 Datasheet
199Kb / 9P
Low Power, High Voltage SPST Analog Switches
20-Nov-06
DG447 VISHAY-DG447 Datasheet
325Kb / 13P
Low Power, High Voltage SPST Analog Switches
04-Jul-11
DG447DV-T1-E3 VISHAY-DG447DV-T1-E3 Datasheet
199Kb / 9P
Low Power, High Voltage SPST Analog Switches
20-Nov-06
DG447 VISHAY-DG447_11 Datasheet
325Kb / 13P
Low Power, High Voltage SPST Analog Switches
04-Jul-11
More results


Similar Description - DG447

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
logo
Vishay Siliconix
DG447 VISHAY-DG447 Datasheet
199Kb / 9P
Low Power, High Voltage SPST Analog Switches
20-Nov-06
DG467 VISHAY-DG467 Datasheet
144Kb / 9P
Low Power, High Voltage SPST Analog Switches
26-Feb-07
DG447 VISHAY-DG447_11 Datasheet
325Kb / 13P
Low Power, High Voltage SPST Analog Switches
04-Jul-11
DG467 VISHAY-DG467_11 Datasheet
260Kb / 13P
Low Power, High Voltage SPST Analog Switches
18-Jul-11
logo
Maxim Integrated Produc...
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Vishay Siliconix
DG467 VISHAY-DG467_V01 Datasheet
187Kb / 11P
Low Power, High Voltage SPST Analog Switches
24-Sep-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com