Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG451 Datasheet (PDF) - Vishay Siliconix

DG451 Datasheet PDF - Vishay Siliconix
Part # DG451
Download  DG451 Download
File Size   262.37 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage 4-Ω Quad SPST CMOS Analog Switch

DG451 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG451 Datasheet PDF - Vishay Siliconix

Part # DG451
Download  DG451 Click to download

File Size   262.37 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage 4-Ω Quad SPST CMOS Analog Switch

DG451 Datasheet (HTML) - Vishay Siliconix


DG451 Product details

FEATURES
• Low on-resistance (4 Ω typical)
• On-resistance flatness (0.2 Ω typical)
• 100 mA continuous current
• 44 V supply maximum rating
• ± 15 V analog signal range
• Fully specified at supply voltages of ± 5 V, 12 V and ± 15 V
• Ultra low power dissipation of (18 μW)
• Fast switching speed:
- ton 80 ns
- toff 60 ns
• TTL/CMOS compatible
• ESD protection 2 kV
• Pin compatible with DG411, DG412, and DG413
• Compliant to RoHS directive 2002/95/EC

APPLICATIONS
• Audio and video signal switching
• Precision automatic test equipment
• Precision data acquisition
• Relay replacement
• Communications systems
• Automotive and avionics applications
• Sample and hold systems

DESCRIPTION
The DG451 series has four independently selectable high
voltage (44 V) SPST switches, each with a typical on
resistance of 4 Ω and a typical flatness of 0.2 Ω, ideal
parameters for low distortion audio signal switching.
The DG451 (NC) and DG452 (NO) are identical except for
the digital logic control input, which is inverted as shown in
the Truth Table. The DG453 has two normally closed and
two normally open switches.
These are high voltage switches that are fully specified with
dual supplies at ± 5 V and ± 15 V and a single supply of
12 V and operating with ultra low power dissipation (18 μW).
Fast switching speeds coupled with high signal bandwidth
makes these parts suitable for video switching applications.
All digital inputs have 0.8 V and 2.4 V logic thresholds
ensuring low voltage TTL/CMOS compatibility. Each switch
conducts equally well in both directions when on and can
handle an input signal range that extends to the supply
voltage rails.
The DG451, DG452, and DG453 are pin compatible with the
DG411, DG412, and DG413.




Similar Part No. - DG451

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG451 INTERSIL-DG451 Datasheet
213Kb / 4P
2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG451 VISHAY-DG451 Datasheet
200Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
logo
Intersil Corporation
DG451A INTERSIL-DG451A Datasheet
213Kb / 4P
2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
Vishay Siliconix
DG451EQ-T1-E3 VISHAY-DG451EQ-T1-E3 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
More results


Similar Description - DG451

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG451 VISHAY-DG451_09 Datasheet
200Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
DG454 VISHAY-DG454_09 Datasheet
199Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
logo
Vishay Siliconix
DG454 VISHAY-DG454_V01 Datasheet
252Kb / 13P
High Voltage 4 Ω Quad SPST CMOS Analog Switch
22-Oct-12
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com