Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG454 Datasheet (PDF) - Vishay Siliconix

DG454 Datasheet PDF - Vishay Siliconix
Part # DG454
Download  DG454 Download
File Size   252.49 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage 4 Ω Quad SPST CMOS Analog Switch

DG454 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG454 Datasheet PDF - Vishay Siliconix

Part # DG454
Download  DG454 Click to download

File Size   252.49 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage 4 Ω Quad SPST CMOS Analog Switch

DG454 Datasheet (HTML) - Vishay Siliconix


DG454 Product details

FEATURES
• Low on-resistance (4 Ω typical)
• On-resistance flatness (0.2 Ω typical)
• 100 mA continuous current
• 44 V supply maximum rating
• ± 15 V analog signal range
• Fully specified at supply voltages of ± 5 V,
12 V and ± 15 V
• No VL
required
• Fast switching speed:
- ton 80 ns
- toff 60 ns
• TTL/CMOS compatible
• ESD protection 2 kV
• Pin compatible with DG411, DG412, and DG413, except
no VL required
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Audio and video signal switching
• Precision automatic test equipment
• Precision data acquisition
• Relay replacement
• Communications systems
• Automotive and avionics applications
• Sample and hold systems

DESCRIPTION
The DG454 series has four independently selectable high
voltage (44 V) SPST switches, each with a typical on
resistance of 4 Ω and a typical flatness of 0.2 Ω, ideal
parameters for low distortion audio signal switching.
The DG454 (NC) and DG455 (NO) are identical except for
the digital logic control input, which is inverted as shown in
the Truth Table. The DG456 has two normally closed and
two normally open switches.
These are high voltage switches that are fully specified with
dual supplies at ± 5 V and ± 15 V and a single supply of 12 V.
Fast switching speeds coupled with high signal bandwidth
makes these parts suitable for video switching applications.
All digital inputs have 0.8 V and 2.4 V logic thresholds
ensuring low voltage TTL/CMOS compatibility. Each switch
conducts equally well in both directions when on and can
handle an input signal range that extends to the supply
voltage rails.
The DG454 DG455 and DG456 are pin compatible with the
DG411, DG412 and DG413, except they require no VL
supply.




Similar Part No. - DG454

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG454 VISHAY-DG454 Datasheet
199Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
DG454EQ-T1-E3 VISHAY-DG454EQ-T1-E3 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG454EQ-T1-E3 VISHAY-DG454EQ-T1-E3 Datasheet
199Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
DG454EY-T1-E3 VISHAY-DG454EY-T1-E3 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
More results


Similar Description - DG454

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG451 VISHAY-DG451_09 Datasheet
200Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
DG454 VISHAY-DG454_09 Datasheet
199Kb / 12P
High Voltage 4-ohm Quad SPST CMOS Analog Switch
30-Nov-09
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
logo
Vishay Siliconix
DG451 VISHAY-DG451_V01 Datasheet
262Kb / 13P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
30-Nov-09
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com