Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG458 Datasheet (PDF) - Vishay Siliconix

DG458 Datasheet PDF - Vishay Siliconix
Part # DG458
Download  DG458 Download
File Size   162.08 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers

DG458 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG458 Datasheet PDF - Vishay Siliconix

Part # DG458
Download  DG458 Click to download

File Size   162.08 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers

DG458 Datasheet (HTML) - Vishay Siliconix


DG458 Product details

FEATURES
• Fault and Overvoltage Protection
• All Channels Off When Power Off
• Latchup-Proof
• Fast Switching - tA: 200 ns
• Break-Before-Make Switching
• Low On-Resistance: 180 W
• Low Power Consumption: 3 mW
• TTL and CMOS Compatible Inputs

BENEFITS
• Improved Ruggedness
• Power Loss Protection
• Prevents Adjacent Channel Crosstalk
• Standard Logic Interface
• Superior Accuracy
• Fast Settling Time

APPLICATIONS
• Data Acquisition Systems
• Industrial Process Control Systems
• Avionics Test Equipment
• High-Rel Control Systems
• Telemetry

DESCRIPTION
The DG458 and DG459 are 8-channel single-ended and
4-channel differential analog multiplexers, respectively,
incorporating fault protection. A series n-p-n MOSFET
structure provides device and signal-source protection in the
event of power loss or overvoltages. Under fault conditions
the multiplexer input (or output) appears as an open circuit
and only a few nanoamperes of leakage current will flow.
This protects not only the multiplexer and the circuitry
following it, but also protects the sensors or signal sources
which drive the multiplexer.
The DG458 and DG459 can withstand continuous
overvoltage inputs up to ± 35 V. All digital inputs have TTL
compatible logic thresholds. Break-before-make operation
prevents channel-to-channel interference.
The DG458 and DG459 are improved pin-compatible
replacements for HI-508A/509A and MAX358/359
multiplexers.




Similar Part No. - DG458

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
06-Sep-99
DG458 VISHAY-DG458 Datasheet
131Kb / 10P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
11-Jun-07
DG458 VISHAY-DG458 Datasheet
160Kb / 13P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG458AK/883 VISHAY-DG458AK/883 Datasheet
90Kb / 8P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
06-Sep-99
DG458AZ/883 VISHAY-DG458AZ/883 Datasheet
90Kb / 8P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
06-Sep-99
More results


Similar Description - DG458

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
15-Nov-93
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
11-Jun-07
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com