Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG508B Datasheet (PDF) - Vishay Siliconix

DG508B Datasheet PDF - Vishay Siliconix
Part # DG508B
Download  DG508B Download
File Size   371.23 Kbytes
Page   21 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers

DG508B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG508B Datasheet PDF - Vishay Siliconix

Part # DG508B
Download  DG508B Click to download

File Size   371.23 Kbytes
Page   21 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers

DG508B Datasheet (HTML) - Vishay Siliconix


DG508B Product details

FEATURES
• Operate with single or dual power supply
• V+ to V- analog signal swing range
• 44 V power supply maximum rating
• Extended operate temperature range:
-40 °C to +125 °C
• Low leakage typically < 3 pA
• Low charge injection - QINJ = 2 pC
• Low power - ISUPPLY: 10 μA
• TTL compatible logic
• > 250 mA latch-up current per JESD78
• Available in SOIC16, TSSOP16, PDIP, and miniQFN16
packages
• Superior alternative to:
- ADG508A, DG508A, HI-508
- ADG509A, DG509A, HI-509
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Reduced switching errors
• Reduced glitching
• Improved data throughput
• Reduced power consumption
• Increased ruggedness
• Wide supply ranges (± 5 V to ± 20 V)

APPLICATIONS
• Data acquisition systems
• Audio and video signal routing
• ATE systems
• Medical instrumentation

DESCRIPTION
The DG508B is an 8-channel single-ended analog
multiplexer designed to connect one of eight inputs to a
common output as determined by a 3-bit binary address
(A0, A1, A2). The DG509B is a dual 4-channel differential
analog multiplexer designed to connect one of four
differential inputs to a common dual output as determined
by its 2-bit binary address (A0, A1). Break-before-make
switching action protects against momentary crosstalk
between adjacent channels.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up
to the power supply rails. An enable (EN) function allows the
user to reset the multiplexer / demultiplexer to all switches
off for stacking several devices. All control inputs,
addresses (AX) and enable (EN) are TTL compatible over the
full specified operating temperature range.
The DG508B and DG509B are fabricated on an enhanced
SG-II CMOS process that achieves improved performance
on: reduced charge injection, lower device leakage, and
minimized parasitic capacitance.
As the DG508, DG509 has a long history in the industry with
many suppliers offering copies - and in some cases
improved variations - with the best in class improvements,
the Vishay Siliconix new version of the DG508B, DG509B
are the superior alternatives to what is currently available.
Applications for the DG508B, DG509B include high speed
and high precision data acquisition, audio signal switching
and routing, ATE systems, and avionics. High performance
and low power dissipation make them ideal for battery
operated and remote instrumentation applications.
The DG508B and DG509B have the absolute maximum
voltage rating extended to 44 V. Additionally, single supply
operation is also allowed. An epitaxial layer prevents
latch-up.
The DG508B and DG509B are both available in 16-lead
SOIC, TSSOP, PDIP, and miniQFN (1.8 mm x 2.6 mm)
package options with extended temperature range of -40 °C
to +125 °C.
For more information, refer to Vishay Siliconix DG508B,
DG509B evaluation board note.




Similar Part No. - DG508B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
DG508BEJ-E3 VISHAY-DG508BEJ-E3 Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
DG508BEN-T1-GE4 VISHAY-DG508BEN-T1-GE4 Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
DG508BEQ-T1-E3 VISHAY-DG508BEQ-T1-E3 Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
DG508BEY-T1-E3 VISHAY-DG508BEY-T1-E3 Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
More results


Similar Description - DG508B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com