Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG540 Datasheet (PDF) - Vishay Siliconix

DG540 Datasheet PDF - Vishay Siliconix
Part # DG540
Download  DG540 Download
File Size   253.07 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wideband/Video “T” Switches

DG540 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG540 Datasheet PDF - Vishay Siliconix

Part # DG540
Download  DG540 Click to download

File Size   253.07 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wideband/Video “T” Switches

DG540 Datasheet (HTML) - Vishay Siliconix


DG540 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
Definition
• Wide Bandwidth: 500 MHZ
• Low Crosstalk: - 85 dB
• High Off-Isolation: - 80 dB at 5 MHz
• "T" Switch Configuration
• TTL and CMOS Logic Compatible
• Fast Switching - tON: 45 ns
• Low RDS(on): 30 Ω
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Flat Frequency Response
• High Color Fidelity
• Low Insertion Loss
• Improved System Performance
• Reduced Board Space
• Reduced Power Consumption
• Improved Data Throughput

APPLICATIONS
• RF and Video Switching
• RGB Switching
• Local and Wide Area Networks
• Video Routing
• Fast Data Acquisition
• ATE
• Radar/FLR Systems
• Video Multiplexing

DESCRIPTION
The DG540, DG541, DG542 are high performance
monolithic wideband/video switches designed for switching
RF, video and digital signals. By utilizing a "T" switch
configuration on each channel, these devices achieve
exceptionally low crosstalk and high off-isolation. The
crosstalk and off-isolation of the DG540 are further improved
by the introduction of extra GND pins between signal pins.
To achieve TTL compatibility, low channel capacitances and
fast switching times, the DG540 family is built on the Vishay
Siliconix proprietary D/CMOS process. Each switch
conducts equally well in both directions when on.




Similar Part No. - DG540

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG540 TEMIC-DG540 Datasheet
154Kb / 10P
Wideband/Video T Switches
logo
Vishay Siliconix
DG540 VISHAY-DG540 Datasheet
146Kb / 11P
Wideband/Video T Switches
13-Sep-99
DG540 VISHAY-DG540 Datasheet
243Kb / 18P
Wideband/Video "T" Switches
18-Jul-11
logo
TEMIC Semiconductors
DG540AP TEMIC-DG540AP Datasheet
154Kb / 10P
Wideband/Video T Switches
logo
Vishay Siliconix
DG540AP VISHAY-DG540AP Datasheet
146Kb / 11P
Wideband/Video T Switches
13-Sep-99
More results


Similar Description - DG540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
Wideband Video Buffer
logo
TEMIC Semiconductors
DG540 TEMIC-DG540 Datasheet
154Kb / 10P
Wideband/Video T Switches
logo
Vishay Siliconix
DG540 VISHAY-DG540 Datasheet
146Kb / 11P
Wideband/Video T Switches
13-Sep-99
DG540 VISHAY-DG540_11 Datasheet
243Kb / 18P
Wideband/Video "T" Switches
18-Jul-11
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
logo
Vishay Siliconix
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com