Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG611E Datasheet (PDF) - Vishay Siliconix

DG611E Datasheet PDF - Vishay Siliconix
Part # DG611E
Download  DG611E Download
File Size   441.38 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches

DG611E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG611E Datasheet PDF - Vishay Siliconix

Part # DG611E
Download  DG611E Click to download

File Size   441.38 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches

DG611E Datasheet (HTML) - Vishay Siliconix


DG611E Product details

FEATURES
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply
• Low charge injection (1.4 pC typ.)
• Leakage current < 0.25 nA at 85 °C
• Low switch capacitance (Csoff 3 pF typ.)
• Fully specified with single supply operation at
3 V, 5 V, and dual supplies at ± 5 V
• Low voltage, 2.5 V CMOS/TTL compatible
• 1 GHz, 3 dB bandwidth
• Excellent isolation performance (-59 dB at 10 MHz)
• Excellent crosstalk performance (-74 dB at 10 MHz)
• Fully specified from -40 °C to +85 °C and -40 °C to +125 °C
• 16 lead SOIC, TSSOP and miniQFN package
(1.8 mm x 2.6 mm)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Precision instrumentation
• Medical instrumentation
• Automated test equipment
• High speed communications applications
• High-end data acquisition
• Sample and hold applications
• Sample and hold systems

DESCRIPTION
The DG611E, DG612E, and DG613E contain four
independently selectable SPST switches. They offer
improved performance over the industry standard DG611
and DG611A series. The DG611E and DG612E have all
switches normally closed and normally open respectively,
while the DG613E has 2 normally open and 2 normally
closed switches.
They are designed to operate from a 3 V to 16 V single
supply or from ± 3 V to ± 8 V dual supplies and are fully
specified at +3 V, +5 V and ± 5 V. All control logic inputs
have guaranteed 2 V logic high limits when operating from
+5 V or ± 5 V supplies and 1.4 V when operating from a
+3 V supply.
The DG611E, DG612E, and DG613E switches conduct
equally well in both directions and offer rail to rail analog
signal handling.
1.4 pC low charge injection, coupled with very low switch
capacitance: 3 pF, fast switching speed: ton/toff 23 ns/14 ns
and excellent 3 dB bandwidth: 1 GHz, make these products
ideal for precision instrumentation, high-end data
acquisition, automated test equipment and high speed
communication applications.
Operation temperature is specified from -40 °C to +125 °C.
The DG611E, DG612E, and DG613E are available in 16 lead
SOIC, TSSOP and the space saving 1.8 mm x 2.6 mm
miniQFN packages.




Similar Part No. - DG611E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG611EEN-T1-GE4 VISHAY-DG611EEN-T1-GE4 Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG611EEQ-T1-GE4 VISHAY-DG611EEQ-T1-GE4 Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG611EEY-T1-GE4 VISHAY-DG611EEY-T1-GE4 Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
More results


Similar Description - DG611E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
04-Feb-08
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
logo
Analog Devices
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. B
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com