Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG636 Datasheet (PDF) - Vishay Siliconix

DG636 Datasheet PDF - Vishay Siliconix
Part # DG636
Download  DG636 Download
File Size   240.36 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch

DG636 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG636 Datasheet PDF - Vishay Siliconix

Part # DG636
Download  DG636 Click to download

File Size   240.36 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch

DG636 Datasheet (HTML) - Vishay Siliconix


DG636 Product details

FEATURES
• Ultra low charge injection
(± 0.5 pC, typ. over the full analog signal range)
• Leakage current < 0.5 nA max. at 85 °C
(for DG636EQ-T1-E3)
• Low switch capacitance (Csoff, 2 pF typ.)
• Low RDS(on) - 115 Ω max.
• Fully specified with single supply operation at 3 V, 5 V and
dual supplies at ± 5 V
• Low voltage, 2.5 V CMOS/TTL compatible
• 600 MHz, - 3 dB bandwidth
• Excellent isolation and crosstalk performance
(typ. > -60 dB at 10 MHz)
• Fully specified from -40 °C to +85 °C and -40 °C to
+125 °C
• 14 pin TSSOP and 16 pin miniQFN package
(1.8 mm x 2.6 mm)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• High-end data acquisition
• Medical instruments
• Precision instruments
• High speed communications applications
• Automated test equipment
• Sample and hold applications

DESCRIPTION
The DG636 is an analog CMOS, dual SPDT switch,
designed to operate from a +2.7 V to +12 V single supply or
from ± 2.7 V to ± 5 V, dual supplies. The DG636 is fully
specified at +3 V, +5 V and ± 5 V. All control logic inputs
have guaranteed 2 V logic high limits when operating from
+5 V or ± 5 V supplies and 1.4 V when operating from a 3 V
supply.
The DG636 switches conduct equally well in both directions
and offer rail to rail analog signal handling. < 1 pC
low charge injection, coupled with very low switch
capacitance and leakage current makes this product ideal
for use in precision instrumentation applications. Operating
temperature range is specified from -40 °C to +125 °C. The
DG636 is available in 14 lead TSSOP and the space saving
1.8 mm x 2.6 mm miniQFN package.




Similar Part No. - DG636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG636 VISHAY-DG636 Datasheet
190Kb / 10P
0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
04-Feb-08
DG636 VISHAY-DG636 Datasheet
192Kb / 13P
0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
02-Aug-10
DG636E VISHAY-DG636E Datasheet
315Kb / 17P
0.3 pC Charge Injection, 100 pA Leakage CMOS ± 5 V / 5 V / 3 V Dual SPDT Analog Switch
09-Oct-17
DG636EEN-T1-GE4 VISHAY-DG636EEN-T1-GE4 Datasheet
315Kb / 17P
0.3 pC Charge Injection, 100 pA Leakage CMOS ± 5 V / 5 V / 3 V Dual SPDT Analog Switch
09-Oct-17
DG636EEQ-T1-GE4 VISHAY-DG636EEQ-T1-GE4 Datasheet
315Kb / 17P
0.3 pC Charge Injection, 100 pA Leakage CMOS ± 5 V / 5 V / 3 V Dual SPDT Analog Switch
09-Oct-17
More results


Similar Description - DG636

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG636 AD-ADG636 Datasheet
147Kb / 12P
1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV.0
logo
Vishay Siliconix
DG636 VISHAY-DG636 Datasheet
190Kb / 10P
0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
04-Feb-08
DG636 VISHAY-DG636_10 Datasheet
192Kb / 13P
0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
02-Aug-10
logo
Analog Devices
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. B
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com