Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK182G Datasheet (PDF) - M.S. Kennedy Corporation

MSK182G Datasheet PDF - M.S. Kennedy Corporation
Part # MSK182G
Download  MSK182G Download
File Size   480.97 Kbytes
Page   8 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER

MSK182G Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK182G Datasheet PDF - M.S. Kennedy Corporation

Part # MSK182G
Download  MSK182G Click to download

File Size   480.97 Kbytes
Page   8 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER

MSK182G Datasheet (HTML) - M.S. Kennedy Corporation


MSK182G Product details

DESCRIPTION:
The MSK 182, 183, 184 and 185 are dual high power monolithic operational amplifiers ideal for use with a wide variety of loads. With operation from either single or dual supplies, they offer excellent design flexibility. Power dissipation is kept to a minimum with a quiescent current rating of only 20mA per amplifier, while 3 Amps of continuous available output current makes them a very good low cost choice for motor drive circuits and audio amplification. The design is internally protected against current overloads and overtemperature conditions. On the MSK 182 and MSK 183, current limit can also be user-selected through the use of a resistor/potentiometer or voltage out/current out DAC. The MSK 182 is packaged in a hermetically sealed 14 pin power DIP with bolt down tabs for applications that require heat sinking. The MSK 183 is packaged in a low cost ceramic SIP and the MSK 184 is packaged in a TO-3. The MSK 185 is packaged in a hermetically sealed 12 pin SIP flatpack with mounting studs.

FEATURES:
• MSK185 Replaces APEX PA26
• MSK184 Replaces APEX PA21
• Available to DSCC SMD 5962-92152
• Space Efficient Dual Amplifiers
• High Voltage Operation:
   Single Supply: +8V to +60V
   Dual Supply: ±4V to±30V
• High Output Current: 3 Amp Continuous per amplifier
• High Speed: 10V/µS
• Low Quiescent Current: 20 mA per amplifier Typ.
• Adjustable Current Limits
• Thermal Shutdown
• Enable/Status Pin For Output Disable Control

TYPICAL APPLICATIONS
• Servo Driver
• Actuator Driver
• Audio Amplifier
• Power Supplies
• Bridge Amps
• Stereo Amps




Similar Part No. - MSK182G

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK182G ANAREN-MSK182G Datasheet
237Kb / 9P
DUAL HIGH VOLTAGE
More results


Similar Description - MSK182G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
186HU ETC1-186HU Datasheet
382Kb / 6P
DUAL HIGH VOLTAGE/VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK186 MSK-MSK186 Datasheet
621Kb / 6P
DUAL HIGH VOLTAGE/ VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_09 Datasheet
250Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_15 Datasheet
253Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com