Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4401S Datasheet (PDF) - M.S. Kennedy Corporation

MSK4401S Datasheet PDF - M.S. Kennedy Corporation
Part # MSK4401S
Download  MSK4401S Download
File Size   244.61 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE

MSK4401S Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4401S Datasheet PDF - M.S. Kennedy Corporation

Part # MSK4401S
Download  MSK4401S Click to download

File Size   244.61 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE

MSK4401S Datasheet (HTML) - M.S. Kennedy Corporation


MSK4401S Product details

DESCRIPTION:
The MSK 4401 is a 3 phase MOSFET bridge plus drivers in a convenient isolated plastic power package. The module is capable of 29 amps of output current and 75 volts of DC bus voltage. It has a full line of protection features, including undervoltage lockout protection of the bias voltage, cross conduction control and a user programmable dead-time control for shoot-through elimination. In addition, the bridge may shut down by using the ENABLE control. The MSK 4401 provides good thermal conductivity for the MOSFETs due to isolated plate design that allows direct heat sinking of the device without insulators.

FEATURES:
• 75 Volt Motor Supply Voltage
• 29 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
• 100% Duty Cycle High Side Conduction Capable
• Suitable for PWM Applications from DC to 100KHz
• Shoot-Through/Cross Conduction Protection
• Undervoltage Lockout Protection
• Programmable Dead-Time Control
• Low Active Enable for Bridge Shutdown Control
• Isolated Case for High Voltage Isolation Plus Good Thermal Transfer
• Available with 4 Lead Bend Options

TYPICAL APPLICATIONS
• 3 Phase Brushless DC
    Servo Control
    Fin Actuator Control
    Gimbal Control
• 3 Phase AC
    Induction Motor Control
    HVAC Blower Control




Similar Part No. - MSK4401S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4401S ANAREN-MSK4401S Datasheet
133Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
More results


Similar Description - MSK4401S

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4300 MSK-MSK4300 Datasheet
268Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4400S MSK-MSK4400S Datasheet
275Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 MSK-MSK4301 Datasheet
311Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4227S MSK-MSK4227S Datasheet
214Kb / 4P
200 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE GATE DRIVE
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
3-Phase Half-Bridge Gate-Drive IC
logo
M.S. Kennedy Corporatio...
MSK4301 MSK-MSK4301_15 Datasheet
760Kb / 6P
PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
Anaren Microwave
MSK4401 ANAREN-MSK4401 Datasheet
133Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 ANAREN-MSK4301 Datasheet
760Kb / 6P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4300 ANAREN-MSK4300 Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
ON Semiconductor
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com