Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-32 Datasheet (PDF) - C&D Technologies

HS-32 Datasheet PDF - C&D Technologies
Part # HS-32
Download  HS-32 Download
File Size   83.63 Kbytes
Page   6 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 14-Bit, 1MHz Sampling A/D Converters

HS-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-32 Datasheet PDF - C&D Technologies

Part # HS-32
Download  HS-32 Click to download

File Size   83.63 Kbytes
Page   6 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 14-Bit, 1MHz Sampling A/D Converters

HS-32 Datasheet (HTML) - C&D Technologies


HS-32 Product details

GENERAL DESCRIPTION
DATELs ADS-941 is a functionally complete, 14-bit, 1MHz, sampling A/D converter. Its standard, 32-pin, triple-wide ceramic DIP contains a fast-settling sample/hold amplifier, a 14-bit subranging (two-pass) A/D converter, a precision reference, a three-state output register, and all the timing and control logic necessary to operate from a single start convert pulse.

FEATURES
• 14-bit resolution
• 1MHz minimum sampling rate
• Functionally complete
• Internal reference and sample/hold
• No missing codes
• Excellent performance
• Full Nyquist-rate sampling
• Small 32–pin DIP
• Low power, 2.8 Watts




Similar Part No. - HS-32

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HS-32 MURATA-PS-HS-32 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Hitec RCD USA
HS-322HD HITEC-RCD-HS-322HD Datasheet
143Kb / 1P
ANNOUNCED SPECIFICATION OF HS-322HD STANDARD DELUXE SERVO
HS-323HD HITEC-RCD-HS-323HD Datasheet
195Kb / 1P
Contact Analog Potentiometer
Ver2.1
logo
PIC GmbH
HS-324-01-0300 PIC-HS-324-01-0300 Datasheet
96Kb / 1P
Flatpack Hall Effect Sensor
HS-324-02-0300 PIC-HS-324-02-0300 Datasheet
199Kb / 3P
Flatpack Hall Effect Sensor
More results


Similar Description - HS-32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
500kHz, 14-Bit Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
16-Bit, 1MHz Sampling A/D Converters
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
14-Bit, 1MHz Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
14-Bit, 5MHz Sampling A/D Converters
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com