Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3208747 Datasheet (PDF) - PHOENIX CONTACT

3208747 Datasheet PDF - PHOENIX CONTACT
Part # 3208747
Download  3208747 Download
File Size   262.12 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through terminal block - PT 10-TWIN BU

3208747 Datasheet (PDF)

Go To PDF Page Download Datasheet
3208747 Datasheet PDF - PHOENIX CONTACT

Part # 3208747
Download  3208747 Click to download

File Size   262.12 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through terminal block - PT 10-TWIN BU

3208747 Datasheet (HTML) - PHOENIX CONTACT


3208747 Product details

Feed-through terminal block, nom. voltage: 1000 V, nominal current: 57 A, connection method: Push-in
connection, number of connections: 3, cross section: 0.5 mm² - 16 mm², AWG: 20 - 6, width: 10.2 mm, height:
49.5 mm, color: blue, mounting type: NS 35/7,5, NS 35/15

Your advantages
In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection
The compact design and front connection enable wiring in a confined space
The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free
wiring of conductors with ferrules or solid conductors
Tested for railway applications




Similar Part No. - 3208747

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3208745 PHOENIX-3208745 Datasheet
267Kb / 23P
Ground modular terminal block - PT 10-TWIN-PE
09/12/2020
3208748 PHOENIX-3208748 Datasheet
56Kb / 3P
End cover - D-PT 10-TWIN
09/12/2020
More results


Similar Description - 3208747

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035292 PHOENIX-3035292 Datasheet
64Kb / 5P
Feed-through terminal block - ST 10-TWIN BU
3208168 PHOENIX-3208168 Datasheet
168Kb / 17P
Feed-through terminal block - PT 1,5/S-TWIN BU
3210319 PHOENIX-3210319 Datasheet
61Kb / 4P
Feed-through terminal block - PT 1,5/S-TWIN-MTD BU
3211485 PHOENIX-3211485 Datasheet
195Kb / 16P
Feed-through terminal block - PT 6-TWIN BU
3211906 PHOENIX-3211906 Datasheet
97Kb / 6P
Feed-through terminal block - PTS 2,5-TWIN BU
3211929 PHOENIX-3211929 Datasheet
201Kb / 17P
Feed-through terminal block - PT 6-TWIN
3212123 PHOENIX-3212123 Datasheet
101Kb / 7P
Feed-through terminal block - PT 10 BU
3211760 PHOENIX-3211760 Datasheet
627Kb / 30P
Feed-through terminal block - PT 4 BU
3208773 PHOENIX-3208773 Datasheet
612Kb / 21P
Feed-through terminal block - PT 16-TWIN N BU
3212361 PHOENIX-3212361 Datasheet
370Kb / 31P
Feed-through terminal block - PT 1,5/S-TWIN/1P BU
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com