Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5030-3.3 Datasheet (PDF) - M.S. Kennedy Corporation

MSK5030-3.3 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5030-3.3
Download  MSK5030-3.3 Download
File Size   245.6 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS

MSK5030-3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5030-3.3 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5030-3.3
Download  MSK5030-3.3 Click to download

File Size   245.6 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS

MSK5030-3.3 Datasheet (HTML) - M.S. Kennedy Corporation


MSK5030-3.3 Product details

DESCRIPTION:
The MSK 5030 series are high efficiency, 4 amp, step-down switching regulators. The output voltage is configured for 2.5V, 3.3V or 5.0V internally and the input range is 4.5V to 30V. The operating frequency of the MSK 5030 is 300KHz and is internally set. An external "soft start" capacitor allows the user to control how quickly the output comes up to regulation voltage after the application of an input. An extremely low quiescent current of typically less than 0.5mA and 95% operating efficiency keeps the total internal power dissipation of the MSK 5030 down to an absolute minimum. A surface mount version, MSK 5040, is also available if desired.

FEATURES:
• Up To 95% Efficiency For 5V Version
• 4 Amp Output Current
• 4.5V to 30V Input Range
• Preset 2.5V, 3.3V or 5.0V Output Versions
• 300KHz Switching Frequency @ 1 Amp
• User Programmable Soft-Start
• Quiescent Current < 0.5mA
• User Programmable Current Limit

TYPICAL APPLICATIONS
• Step-down Switching Regulator
• Microprocessor Power Source
• High Efficiency Low Voltage Subsystem Power Supply




Similar Part No. - MSK5030-3.3

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5030-3.3B ANAREN-MSK5030-3.3B Datasheet
791Kb / 7P
HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
More results


Similar Description - MSK5030-3.3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
High Efficiency Synchronous Step-Down Switching Regulators
REV.A
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com