Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU2MB0BL Datasheet (PDF) - Schneider Electric

LU2MB0BL Datasheet PDF - Schneider Electric
Part # LU2MB0BL
Download  LU2MB0BL Download
File Size   119.91 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Reverser block for vertical mounting, TeSys Ultra, 38A/690V, coil 24VDC

LU2MB0BL Datasheet (PDF)

Go To PDF Page Download Datasheet
LU2MB0BL Datasheet PDF - Schneider Electric

Part # LU2MB0BL
Download  LU2MB0BL Click to download

File Size   119.91 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Reverser block for vertical mounting, TeSys Ultra, 38A/690V, coil 24VDC

LU2MB0BL Datasheet (HTML) - Schneider Electric


LU2MB0BL Product details

Main
Range TeSys
Device short name LU2MB
Product or Component Type Reverser block
Device mounting Direct mounting
Device Application Motor control
[Ie] rated operational current 38 A
[Uc] control circuit voltage 24 V DC
Current consumption 120 mA 24 V DC I maximum while closing
120 mA 24 V DC I rms sealed




Similar Part No. - LU2MB0BL

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LU2MB0B SCHNEIDER-LU2MB0B Datasheet
162Kb / 3P
Reverser block for vertical mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
More results


Similar Description - LU2MB0BL

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ASILUFC5 SCHNEIDER-ASILUFC5 Datasheet
99Kb / 2P
AS-Interface communication module, TeSys Ultra, 24VDC
May 11, 2022
LU2MB0B SCHNEIDER-LU2MB0B Datasheet
162Kb / 3P
Reverser block for vertical mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
LU2MB0FU SCHNEIDER-LU2MB0FU Datasheet
162Kb / 3P
Reverser block for vertical mounting, TeSys Ultra, 38A/690V, coil 110-240VAC/DC
May 11, 2022
LU6MB0B SCHNEIDER-LU6MB0B Datasheet
137Kb / 3P
Reverser block for side mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022
LU6MB0BL SCHNEIDER-LU6MB0BL Datasheet
107Kb / 3P
Reverser block for side mounting, TeSys Ultra, 38A/690V, coil 24VDC
May 11, 2022
LU6MB0FU SCHNEIDER-LU6MB0FU Datasheet
137Kb / 3P
Reverser block for side mounting, TeSys Ultra, 38A/690V, coil 110-240VAC/DC
May 11, 2022
LULC07 SCHNEIDER-LULC07 Datasheet
95Kb / 2P
profibus communication module, TeSys Ultra, 24VDC
May 11, 2022
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC15 SCHNEIDER-LULC15 Datasheet
103Kb / 3P
Advantys STB communication module, TeSys Ultra, 24VDC supply
May 11, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com