Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU9R30 Datasheet (PDF) - Schneider Electric

LU9R30 Datasheet PDF - Schneider Electric
Part # LU9R30
Download  LU9R30 Download
File Size   85.96 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 3m

LU9R30 Datasheet (PDF)

Go To PDF Page Download Datasheet
LU9R30 Datasheet PDF - Schneider Electric

Part # LU9R30
Download  LU9R30 Click to download

File Size   85.96 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 3m

LU9R30 Datasheet (HTML) - Schneider Electric


LU9R30 Product details

Main
Range TeSys
Device short name LU9R
Product or Component Type Cable equipped by 2 RJ45 connectors
Product Compatibility STBEPI2145
LU9G02
Quantity per Set Set of 2




Similar Part No. - LU9R30

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LU9R03 SCHNEIDER-LU9R03 Datasheet
85Kb / 2P
Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 0.3 m
May 11, 2022
LU9R10 SCHNEIDER-LU9R10 Datasheet
85Kb / 2P
Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 1 m
May 11, 2022
LU9RCD10 SCHNEIDER-LU9RCD10 Datasheet
83Kb / 2P
Straight bend cable LU9R, TeSys Ultra, L=1m
May 11, 2022
LU9RDD03 SCHNEIDER-LU9RDD03 Datasheet
84Kb / 2P
Straight cable LU9R, TeSys Ultra, L=0.3m
May 11, 2022
More results


Similar Description - LU9R30

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LU9M1 SCHNEIDER-LU9M1 Datasheet
97Kb / 2P
Control terminal block, reversing motor starter, TeSys Ultra
May 11, 2022
LU9MR1 SCHNEIDER-LU9MR1 Datasheet
113Kb / 2P
Control terminal block, reversing motor starter, TeSys Ultra
May 11, 2022
LU9MR1C SCHNEIDER-LU9MR1C Datasheet
100Kb / 2P
Control circuit pre-wired connector, reversing motor starter, TeSys Ultra
May 11, 2022
LU9MRC SCHNEIDER-LU9MRC Datasheet
85Kb / 2P
Prewired coil connection to communication module - for motor starter TeSys Ultra
May 11, 2022
LU9MRL SCHNEIDER-LU9MRL Datasheet
81Kb / 2P
Prewired connection, LU2B, Tesys Ultra
May 11, 2022
LU9R03 SCHNEIDER-LU9R03 Datasheet
85Kb / 2P
Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 0.3 m
May 11, 2022
LU9R10 SCHNEIDER-LU9R10 Datasheet
85Kb / 2P
Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 1 m
May 11, 2022
LUFC00 SCHNEIDER-LUFC00 Datasheet
91Kb / 2P
Parallel wiring module, motor starter TeSys Ultra
May 11, 2022
LAD322 SCHNEIDER-LAD322 Datasheet
125Kb / 2P
TeSys Deca motor circuit breaker ??accessory ??power splitter box ??63A ??for 2 starters
Jun 7, 2022
LAD324 SCHNEIDER-LAD324 Datasheet
108Kb / 2P
TeSys Deca motor circuit breaker ??accessory ??power splitter box ??63A ??for 4 starters
Jun 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com