Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG1411 Datasheet (PDF) - Vishay Siliconix

DG1411 Datasheet PDF - Vishay Siliconix
Part # DG1411
Download  DG1411 Download
File Size   349.74 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST CMOS Analog Switches

DG1411 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG1411 Datasheet PDF - Vishay Siliconix

Part # DG1411
Download  DG1411 Click to download

File Size   349.74 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST CMOS Analog Switches

DG1411 Datasheet (HTML) - Vishay Siliconix


DG1411 Product details

FEATURES
• 35 V supply max. rating
• On-resistance: 1.5 Ω
• On-resistance flatness: 0.3 Ω
• Channel to channel ON-resistance match: 0.1 Ω
• Supports single and dual supply operation
• Fully specified at ± 15 V, ± 5 V, and +12 V
• Integrated VL supply
• 3 V logic compatible
• Low parasitic capacitance: CS(OFF): 11 pF, CD(ON): 87 pF
• Rail to rail signal handling
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Low insertion loss
• Low distortion
• Break-before-make switching
• Low charge injection over the full signal range

APPLICATIONS
• Medical and Healthcare equipment
• Data acquisition system
• Industrial control and automation
• Test and measurement equipment
• Communication systems
• Battery powered systems
• Sample and hold circuits
• Audio and video signal switching
• Relay replacement

DESCRIPTION
The DG1411, DG1412, DG1413 are ± 15 V precision
monolithic quad single-pole single-throw (SPST) CMOS
analog switches. Built on a new CMOS process, the Vishay
Siliconix DG1411, DG1412, and DG1413 offer low
on-resistance of 1.5 . The low and flat resistance over the
full signal range ensures excellent linearity and low signal
distortion. The new CMOS platform provides low power
dissipation, minimized parasitic capacitance, and low
charge injection.
The devices operate from either a single 4.5 V to 24 V power
supply, or from dual ± 4.5 V to ± 15 V power supplies. The
analog switches don't require a VL logic supply, while all
digital inputs have 0.8 V and 2 V logic thresholds to ensure
low-voltage TTL / CMOS compatibility.
The DG1411, DG1412, and DG1413 are bi-directional and
support analog signals up to the supply voltage when on,
and block them when off. The devices each feature four
independently selectable SPST switches. The DG1411 is
normally closed, while the DG1412 is normally open. The
DG1413 has two normally open and two normally closed
switches with guaranteed break-before-make operation.
Combined with fast 100 ns switching times, the improved
performance of the DG1411, DG1412, and DG1413 make
the devices ideal for signal switching and relay replacement
in data acquisition, industrial control and automation,
communication, and A/V systems, in addition to medical
instrumentation and automated test equipment.
The switches are available in RoHS-compliant, halogen-free
TSSOP16 and QFN16 4 mm by 4 mm packages.




Similar Part No. - DG1411

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
Supports single and dual supply operation
23-Jan-17
DG1411E VISHAY-DG1411E Datasheet
351Kb / 14P
1.5 Ω On Resistance, ± 15 V / 12 V / ± 5 V, Quad SPST Switches
11-Jun-2018
DG1411EEN-T1-GE4 VISHAY-DG1411EEN-T1-GE4 Datasheet
347Kb / 14P
Supports single and dual supply operation
23-Jan-17
DG1411EEN-T1-GE4 VISHAY-DG1411EEN-T1-GE4 Datasheet
351Kb / 14P
1.5 Ω On Resistance, ± 15 V / 12 V / ± 5 V, Quad SPST Switches
11-Jun-2018
More results


Similar Description - DG1411

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG411HS VISHAY-DG411HS Datasheet
145Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
11-Jun-07
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
Precision Monolithic Quad SPST CMOS Analog Switches
14-May-07
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
Precision Monolithic Quad SPST CMOS Analog Switches
05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
Precision Monolithic Quad SPST CMOS Analog Switches
27-May-13
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com