Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2018 Datasheet (PDF) - Vishay Siliconix

DG2018 Datasheet PDF - Vishay Siliconix
Part # DG2018
Download  DG2018 Download
File Size   154.42 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Dual DPDT and Quad SPDT Analog Switches

DG2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2018 Datasheet PDF - Vishay Siliconix

Part # DG2018
Download  DG2018 Click to download

File Size   154.42 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Voltage, Dual DPDT and Quad SPDT Analog Switches

DG2018 Datasheet (HTML) - Vishay Siliconix


DG2018 Product details

FEATURES
• Low voltage operation (1.8 V to 5.5 V)
• Low on resistance
- RDS(on): 6 Ω at 2.7 V
• Low voltage logic compatible
- DG2019: VINH = 1 V
• High bandwidth: 180 MHz
• QFN-16 package

BENEFITS
• Ideal for both analog and digital signal switching
• Reduced power consumption
• High accuracy
• Reduced PCB space
• Fast switching
• Low leakage

APPLICATIONS
• Cellular phones
• Audio and video signal routing
• PCMCIA cards
• Battery operated systems
• Portable instrumentation

DESCRIPTION
The DG2018 and DG2019 are low voltage, single supply
analog switches. The DG2018 is a dual double-pole/doublethrow
(DPDT) with two control inputs that each controls a
pair of single-pole/double-throw (SPDT). The DG2019 uses
one control pin to operate four independent SPDT switches.
When operated on a + 3 V supply, the DG2018’s control pins
are compatible with 1.8 V digital logic. The DG2019 has an
available feature of a VL pin that allows a 1.0 V threshold for
the control pin when VL is powered with 1.5 V.
Built on Vishay Siliconix’s low voltage submicron CMOS
process, the DG2018 and DG2019 are ideal for high
performance switching of analog signals; providing low onresistance
(6 Ω at + 2.7 V), fast speed (Ton, Toff at 42 ns and
16 ns), and a bandwidth that exceeds 180 MHz.
The DG2018 and DG2019 were designed to offer solutions
that extend beyond audio/video functions, to providing the
performance required for today’s demanding mixed-signal
switching in portable applications.
An epitaxial layer prevents latch-up. Brake-before-make is
guaranteed for all SPDT’s. All switches conduct equally well
in both directions when on, and blocks up to the power
supply level when off.




Similar Part No. - DG2018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Aug-03
DG2018 VISHAY-DG2018 Datasheet
138Kb / 9P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2018DN VISHAY-DG2018DN Datasheet
138Kb / 9P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
More results


Similar Description - DG2018

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
June 2003
logo
Vishay Siliconix
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Aug-03
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
logo
Intersil Corporation
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
March 13, 2006
logo
Vishay Siliconix
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
72342 VISHAY-72342 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com