Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG271B Datasheet (PDF) - Vishay Siliconix

DG271B Datasheet PDF - Vishay Siliconix
Part # DG271B
Download  DG271B Download
File Size   156.44 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Speed Quad Monolithic SPST CMOS Analog Switch

DG271B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG271B Datasheet PDF - Vishay Siliconix

Part # DG271B
Download  DG271B Click to download

File Size   156.44 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Speed Quad Monolithic SPST CMOS Analog Switch

DG271B Datasheet (HTML) - Vishay Siliconix


DG271B Product details

FEATURES
• Fast switching tON: 55 ns
• Low charge injection: 5 pC
• Low rDS(on): 32 Ω
• TTL/CMOS compatible
• Low leakage: 50 pA

BENEFITS
• Fast settling times
• Reduced switching glitches
• High precision
APPLICATIONS

• High-speed switching
• Sample/hold
• Digital filters
• Op amp gain switching
• Flight control systems
• Automatic test equipment
• Choppers
• Communication systems

DESCRIPTION
The DG271B high speed quad single-pole single-throw
analog switch is intended for applications that require low
on-resistance, low leakage currents, and fast switching
speeds.
Built on the Vishay Siliconix’ proprietary high voltage silicon
gate process to achieve superior on/off performance, each
switch conducts equally well in both directions when on, and
blocks up to the supply voltage when off. An epitaxial layer
prevents latchup.
The DG271B has a redesign internal regulator which
improves start-up over the DG271.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For analog
switching products manufactured with 100 % matte tin
device terminations, the lead (Pb)-free “-E3” suffix is being
used as a designator.




Similar Part No. - DG271B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
DG271BCJ-E3 VISHAY-DG271BCJ-E3 Datasheet
55Kb / 4P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
DG271BDY VISHAY-DG271BDY Datasheet
67Kb / 5P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
DG271BDY-E3 VISHAY-DG271BDY-E3 Datasheet
55Kb / 4P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
DG271BDY-T1-E3 VISHAY-DG271BDY-T1-E3 Datasheet
55Kb / 4P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
More results


Similar Description - DG271B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
November 1999
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Vishay Siliconix
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
High-Speed Quad Monolithic SPST CMOS Analog Switch
23-Aug-99
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
May 2001
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
25-Jun-07
DG271BDY VISHAY-DG271BDY Datasheet
67Kb / 5P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
High Speed Quad SPST CMOS Analog Switch
23-Feb-2017
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com