Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG401B Datasheet (PDF) - Vishay Siliconix

DG401B Datasheet PDF - Vishay Siliconix
Part # DG401B
Download  DG401B Download
File Size   178.32 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Power, High-Speed CMOS Analog Switches

DG401B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG401B Datasheet PDF - Vishay Siliconix

Part # DG401B
Download  DG401B Click to download

File Size   178.32 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Power, High-Speed CMOS Analog Switches

DG401B Datasheet (HTML) - Vishay Siliconix


DG401B Product details

FEATURES
• 44 V supply max rating
• ± 15 V analog signal range
• On-resistance - RDS(on): 23 Ω
• Low leakage - ID(on): 40 pA
• Fast switching - tON: 100 ns
• Upgrade to DG401B, DG403B, DG405B
• TTL, CMOS compatible
• Single supply capability

BENEFITS
• Wide dynamic range
• Break-before-make switching action
(DG403B only)
• Simple interfacing

APPLICATIONS
• Audio and video switching
• Sample-and-hold circuits
• Test equipment
• PBX, PABX

DESCRIPTION
The DG401B, DG403B, DG405B monolithic analog switches
are replacements for the popular DG401/403/405 analog
switches and provide improved performance, combining
high speed (tON: 100 ns, typ) with low power consumption
make the DG401B series ideal for portable and battery
powered applications.
Built on the Vishay Siliconix proprietary high-voltage silicongate
process to achieve high voltage rating and superior
switch on/off performance, break-before-make is
guaranteed for the SPDT configurations.
Each switch conducts equally well in both directions when
on, and blocks up to 30 V peak-to-peak when off.
On-resistance is very flat over the full ± 15 V analog range.
The DG401B has two independent SPST switches. The
DG403B has four SPST switches in NO/NC combinations.
The DG405B has four switches in two SPST pairs (see
Functional Block Diagrams and Pin Configurations on pages
1 and 2.)
The DG401B, DG403B, DG405B is available in both 16-pin
plastic dip and 16-pin SOIC packages.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For analog
switching products manufactured with 100 % matte tin
device terminations, the lead (Pb)-free “-E3” suffix is being
used as a designator.




Similar Part No. - DG401B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
10-Jan-05
DG401B VISHAY-DG401B Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
DG401BDJ VISHAY-DG401BDJ Datasheet
142Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
10-Jan-05
DG401BDJ VISHAY-DG401BDJ Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
DG401BDJ-E3 VISHAY-DG401BDJ-E3 Datasheet
142Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
10-Jan-05
More results


Similar Description - DG401B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
10-Jan-05
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
logo
Vishay Siliconix
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com