Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG406B Datasheet (PDF) - Vishay Siliconix

DG406B Datasheet PDF - Vishay Siliconix
Part # DG406B
Download  DG406B Download
File Size   212.87 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers

DG406B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG406B Datasheet PDF - Vishay Siliconix

Part # DG406B
Download  DG406B Click to download

File Size   212.87 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers

DG406B Datasheet (HTML) - Vishay Siliconix


DG406B Product details

FEATURES
• Low on-resistance - RDS(on): 45 Ω
• Low charge injection - Q: 11 pC
• Fast transition time - tTRANS: 115 ns
• Low power: 0.2 mW
• Single supply capability
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.

BENEFITS
• Higher accuracy
• Reduced glitching
• Improved data throughput
• Reduced power consumption
• Increased ruggedness
• Wide supply ranges: ± 5 V to ± 20 V

APPLICATIONS
• Data acquisition systems
• Audio signal routing
• Medical instrumentation
• ATE systems
• Battery powered systems
• High-rel systems
• Single supply systems

DESCRIPTION
The DG406B is a 16-channel single-ended analog
multiplexer designed to connect one of sixteen inputs to a
common output as determined by a 4-bit binary address.
The DG407B selects one of eight differential inputs to a
common differential output. Break-before-make switching
action protects against momentary shorting of inputs.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up
to the power supply rails. An enable (EN) function allows the
user to reset the multiplexer/demultiplexer to all switches off
for stacking several devices. All control inputs, address (Ax)
and enable (EN) are TTL compatible over the full specified
operating temperature range.
Applications for the DG406B, DG407B include high speed
data acquisition, audio signal switching and routing, ATE
systems, and avionics. High performance and low power
dissipation make them ideal for battery operated and
remote instrumentation applications.
Designed in the 44 V silicon-gate CMOS process, the
absolute maximum voltage rating is extended to 44 V,
allowing operation with ± 20 V supplies. Additionally
single (12 V) supply operation is allowed. An epitaxial layer
prevents latchup.




Similar Part No. - DG406B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
21-May-07
DG406B VISHAY-DG406B Datasheet
202Kb / 16P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
07-Feb-11
DG406BDJ VISHAY-DG406BDJ Datasheet
156Kb / 11P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
21-May-07
DG406BDJ VISHAY-DG406BDJ Datasheet
202Kb / 16P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
07-Feb-11
DG406BDJ-E3 VISHAY-DG406BDJ-E3 Datasheet
156Kb / 11P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
21-May-07
More results


Similar Description - DG406B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
14-May-07
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
21-May-07
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
11-Jun-07
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
07-Feb-11
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
07-Feb-11
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
23-May-11
DG406DN-E3 VISHAY-DG406DN-E3 Datasheet
199Kb / 16P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
23-May-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
09-Dec-13
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
16-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com