Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG408 Datasheet (PDF) - Vishay Siliconix

DG408 Datasheet PDF - Vishay Siliconix
Part # DG408
Download  DG408 Download
File Size   291.98 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers

DG408 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG408 Datasheet PDF - Vishay Siliconix

Part # DG408
Download  DG408 Click to download

File Size   291.98 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers

DG408 Datasheet (HTML) - Vishay Siliconix


DG408 Product details

FEATURES
• Low on-resistance - RDS(on): 100 Ω
• Low charge injection - Q: 20 pC
• Fast transition time - tTRANS: 160 ns
• Low power - ISUPPLY: 10 μA
• Single supply capability
• 44 V supply max. rating
• TTL compatible logic
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.

BENEFITS
• Reduced switching errors
• Reduced glitching
• Improved data throughput
• Reduced power consumption
• Increased ruggedness
• Wide supply ranges
- Single supply: +5 V to 36 V
- Dual supplies: ± 5 V to ± 20 V

APPLICATIONS
• Data acquisition systems
• Audio signal routing
• ATE systems
• Battery powered systems
• Single supply systems
• Medical instrumentation

DESCRIPTION
The DG408 is an 8 channel single-ended analog multiplexer
designed to connect one of eight inputs to a common output
as determined by a 3-bit binary address (A0, A1, A2). The
DG409 is a dual 4 channel differential analog multiplexer
designed to connect one of four differential inputs to a
common dual output as determined by its 2-bit binary
address (A0, A1). Break-before-make switching action
protects against momentary crosstalk between adjacent
channels.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up
to the power supply rails. An enable (EN) function allows the
user to reset the multiplexer/demultiplexer to all switches off
for stacking several devices. All control inputs, address (Ax)
and enable (EN) are TTL compatible over the full specified
operating temperature range.
Applications for the DG408, DG409 include high speed data
acquisition, audio signal switching and routing, ATE
systems, and avionics. High performance and low power
dissipation make them ideal for battery operated and
remote instrumentation applications.
Designed in the 44 V silicon-gate CMOS process, the
absolute maximum voltage rating is extended to 44 V.
Additionally, single supply operation is also allowed. An
epitaxial layer prevents latchup.
For additional information please see Technical Article
TA201.




Similar Part No. - DG408

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408 INTERSIL-DG408 Datasheet
606Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 13, 2006
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
11-Jun-07
logo
Maxim Integrated Produc...
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
241Kb / 18P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
16-May-11
More results


Similar Description - DG408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
14-May-07
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
21-May-07
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
11-Jun-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
07-Feb-11
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
16-May-11
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
23-May-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
23-May-11
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
09-Dec-13
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
09-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com