Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG411HS Datasheet (PDF) - Vishay Siliconix

DG411HS Datasheet PDF - Vishay Siliconix
Part # DG411HS
Download  DG411HS Download
File Size   216.28 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST CMOS Analog Switches

DG411HS Datasheet (PDF)

Go To PDF Page Download Datasheet
DG411HS Datasheet PDF - Vishay Siliconix

Part # DG411HS
Download  DG411HS Click to download

File Size   216.28 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Quad SPST CMOS Analog Switches

DG411HS Datasheet (HTML) - Vishay Siliconix


DG411HS Product details

FEATURES
• 44 V supply max. rating
• ± 15 V analog signal range
• On-resistance - RDS(on): 25 Ω
• Fast switching - tON: 68 ns
• Ultra low power - PD: 0.35 μW
• TTL, CMOS compatible
• Single supply capability

BENEFITS
• Widest dynamic range
• Low signal rrrors and distortion
• Break-before-make switching action
• Simple interfacing

APPLICATIONS
• Precision automatic test equipment
• Precision data acquisition
• Communication systems
• Battery powered systems
• Computer peripherals

DESCRIPTION
The DG411HS series of monolithic quad analog switches
was designed to provide high speed, low error switching of
precision analog signals. Combining low power (0.35 μW)
with high speed (tON: 68 ns), the DG411HS family is ideally
suited for portable and battery powered industrial and
military applications.
To achieve high-voltage ratings and superior switching
performance, the DG411HS series was built on Vishay
Siliconix’s high voltage silicon gate process. An epitaxial
layer prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks input voltages up to the supply levels when
off.
The DG411HS and DG412HS respond to opposite control
logic as shown in the Truth Table. The DG413HS has two
normally open and two normally closed switches.




Similar Part No. - DG411HS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411HS VISHAY-DG411HS Datasheet
145Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
11-Jun-07
DG411HS VISHAY-DG411HS Datasheet
256Kb / 17P
Precision Monolithic Quad SPST CMOS Analog Switches
07-Feb-11
DG411HSDJ VISHAY-DG411HSDJ Datasheet
145Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
11-Jun-07
DG411HSDJ VISHAY-DG411HSDJ Datasheet
256Kb / 17P
Precision Monolithic Quad SPST CMOS Analog Switches
07-Feb-11
DG411HSDJ-E3 VISHAY-DG411HSDJ-E3 Datasheet
145Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
11-Jun-07
More results


Similar Description - DG411HS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG411HS VISHAY-DG411HS Datasheet
145Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
11-Jun-07
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
Precision Monolithic Quad SPST CMOS Analog Switches
14-May-07
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
Precision Monolithic Quad SPST CMOS Analog Switches
05-Mar-12
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com