Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG411LE Datasheet (PDF) - Vishay Siliconix

DG411LE Datasheet PDF - Vishay Siliconix
Part # DG411LE
Download  DG411LE Download
File Size   327.26 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches

DG411LE Datasheet (PDF)

Go To PDF Page Download Datasheet
DG411LE Datasheet PDF - Vishay Siliconix

Part # DG411LE
Download  DG411LE Click to download

File Size   327.26 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches

DG411LE Datasheet (HTML) - Vishay Siliconix


DG411LE Product details

FEATURES
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply
• On-resistance RDS(on): 16 Ω
• Low parasitic capacitance:
CD(ON): 15 pF
CS(OFF): 5 pF
• Less than 8 pC charge injection over the full signal swing
range
• Fast switching tON: 16 ns
tOFF: 9 ns
• TTL, CMOS compatible
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

BENEFITS
• Wide operation voltage range
• Low signal errors and distortion
• Fast switching time
• Minimized switching glitch

APPLICATIONS
• Automatic test equipment
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems
• Computer peripherals
• Audio and video signal routing

DESCRIPTION
The DG411LE, DG412LE, and DG413LE are monolithic
quad single-pole-single-throw analog switches. The
DG411LE and DG412LE differ only in that they respond to
opposite logic levels. The DG413LE has two normally open
and two normally closed switches. It can be given various
configurations, including four SPST, two SPDT, and one
DPDT.
The DG411LE, DG412LE, and DG413LE offer low on
resistance of 16 , low parasitic capacitance of 15 pF
switch on capacitance, and low charge injection over the
signal swing range.
The DG411LE, DG412LE, and DG413LE operate on single
and dual supplies. Single supply voltage ranges from 3 V
to 16 V while dual supply operation is recommended with
± 3 V to ± 8 V. Each switch conducts equally well in both
direction when on, and blocks input voltages up to the
supply levels when off.
The DG411LE, DG412LE, and DG413LE are available in
16 lead TSSOP, SOIC, and PDIP packages.




Similar Part No. - DG411LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG411LEDJ-GE3 VISHAY-DG411LEDJ-GE3 Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG411LEDQ-GE3 VISHAY-DG411LEDQ-GE3 Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG411LEDQ-T1-GE3 VISHAY-DG411LEDQ-T1-GE3 Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG411LEDY-GE3 VISHAY-DG411LEDY-GE3 Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
More results


Similar Description - DG411LE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
DG9422E VISHAY-DG9422E Datasheet
249Kb / 11P
1.7 Ω, Low On Resistance, 12 V, 5 V, 3 V, ± 5 V, SPST Switches
25-Jun-2018
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
1.6 Ω On Resistance, ± 5 V, 12 V, and 3 V Quad SPST Switches
22-Jun-2020
DG441LE VISHAY-DG441LE_V01 Datasheet
332Kb / 18P
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com