Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC22C11 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AMC22C11 Datasheet PDF - Texas Instruments
Part # AMC22C11
Download  AMC22C11 Download
File Size   1688.7 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function

AMC22C11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC22C11 Datasheet PDF - Texas Instruments

Part # AMC22C11
Download  AMC22C11 Click to download

File Size   1688.7 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function

AMC22C11 Datasheet (HTML) - Texas Instruments


AMC22C11 Product details

1 Features
• Wide high-side supply range: 3 V to 27 V
• Low-side supply range: 2.7 V to 5.5 V
• Adjustable threshold: 20 mV to 2.7 V
• Reference current for threshold adjustment:
– 100 μA, ±2%
• Trip threshold error: ±1% (max) at 250 mV
• Propagation delay: 240 ns (typ)
• High CMTI: 55 kV/μs (min)
• Open-drain output with optional latch mode
• Safety-related certifications:
– 4250-VPK basic isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 3000-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C




Similar Part No. - AMC22C11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC22C11 TI-AMC22C11 Datasheet
2Mb / 43P
AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11 TI-AMC22C11 Datasheet
2Mb / 43P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11-Q1 TI-AMC22C11-Q1 Datasheet
2Mb / 43P
AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11-Q1 TI-AMC22C11-Q1 Datasheet
2Mb / 43P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11DR TI-AMC22C11DR Datasheet
2Mb / 43P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
More results


Similar Description - AMC22C11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC23C11 TI-AMC23C11 Datasheet
1Mb / 30P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 32P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC22C12-Q1 TI-AMC22C12-Q1 Datasheet
2Mb / 44P
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12 TI-AMC22C12 Datasheet
2Mb / 43P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C11-Q1 TI-AMC23C11-Q1 Datasheet
2Mb / 43P
AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC23C11 TI-AMC23C11_V01 Datasheet
1Mb / 41P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC22C11 TI-AMC22C11_V01 Datasheet
2Mb / 43P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12-Q1 TI-AMC22C12-Q1_V01 Datasheet
2Mb / 46P
AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C12 TI-AMC22C12_V01 Datasheet
2Mb / 46P
AMC22C12 Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC21C12 TI-AMC21C12 Datasheet
1Mb / 34P
AMC21C12 Fast Response, Functionally Isolated Window Comparator With Adjustable Threshold and Latch Function
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com