Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOW7740DFMR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ISOW7740DFMR Datasheet PDF - Texas Instruments
Part # ISOW7740DFMR
Download  ISOW7740DFMR Download
File Size   4769.29 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter

ISOW7740DFMR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOW7740DFMR Datasheet PDF - Texas Instruments

Part # ISOW7740DFMR
Download  ISOW7740DFMR Click to download

File Size   4769.29 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter

ISOW7740DFMR Datasheet (HTML) - Texas Instruments


ISOW7740DFMR Product details

1 Features
• 100 Mbps data rate
• Integrated DC-DC converter with low-emissions,
low-noise
– Emission optimized to meet CISPR 32 and EN
55032 Class B with >5 dB margin on 2 layer
board
– Low frequency power converter at 25 MHz
enabling low noise performance
– Low output ripple: 24 mV
• High efficiency output power
– Efficiency at max load: 46%
– Up to 0.55-W output power
– VISOOUT accuracy of 5%
– 5 V to 5 V: Max available load current = 110 mA
– 5 V to 3.3 V: Max available load current = 140
mA
– 3.3 V to 3.3 V: Max available load current = 60
mA
• Independent power supply for channel isolator &
power converter
– Logic supply (VIO): 1.71-V to 5.5-V
– Power converter supply (VDD): 3-V to 5.5-V
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 contact discharge
protection across isolation barrier
• Reinforced and Basic isolation options
• High CMTI: 100-kV/μs (typical)
• Safety Related Certifications:
– VDE reinforced and basic insulation per DIN
VDE V 0884-11:2017-01
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB 4943.1-2011 certifications
– ISOW774xB devices are planned
• Extended temperature range: –40°C to +125°C
• 20-pin wide body SOIC package




Similar Part No. - ISOW7740DFMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOW7740 TI-ISOW7740 Datasheet
4Mb / 62P
ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
More results


Similar Description - ISOW7740DFMR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5400 AD-ADUM5400 Datasheet
384Kb / 21P
Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400_08 Datasheet
386Kb / 16P
Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. 0
ADUM5400_VA AD-ADUM5400_VA Datasheet
301Kb / 16P
Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. A
logo
Texas Instruments
ISOW7821 TI1-ISOW7821 Datasheet
1Mb / 39P
High-Performance, 5000-VRMS Reinforced Dual-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7741 TI-ISOW7741 Datasheet
2Mb / 41P
ISOW7741 5000-VRMS Reinforced Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
ISOW7740 TI-ISOW7740 Datasheet
4Mb / 62P
ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
logo
Analog Devices
ADUM5400 AD-ADUM5400_V01 Datasheet
338Kb / 16P
Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. B
logo
Texas Instruments
ISOW7721 TI-ISOW7721 Datasheet
3Mb / 53P
ISOW7721 Two-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
JULY 2022
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com