Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J334R Datasheet (PDF) - Toshiba Semiconductor

SSM3J334R Datasheet PDF - Toshiba Semiconductor
Part # SSM3J334R
Download  SSM3J334R Download
File Size   476.19 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)

SSM3J334R Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3J334R Datasheet PDF - Toshiba Semiconductor

Part # SSM3J334R
Download  SSM3J334R Click to download

File Size   476.19 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)

SSM3J334R Datasheet (HTML) - Toshiba Semiconductor


SSM3J334R Product details

○Power Management Switch Applications

Low ON-resistance: RDS(ON) = 71 mΩ (max) (@VGS = -10 V)
RDS(ON) = 105 mΩ (max) (@VGS = -4.5 V)
RDS(ON) = 136 mΩ (max) (@VGS = -4.0 V)




Similar Part No. - SSM3J334R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J334R TOSHIBA-SSM3J334R Datasheet
235Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J334R TOSHIBA-SSM3J334R Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
SSM3J334R VBSEMI-SSM3J334R Datasheet
501Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results


Similar Description - SSM3J334R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J334R TOSHIBA-SSM3J334R Datasheet
235Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J328R TOSHIBA-SSM3J328R_14 Datasheet
235Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J501NU TOSHIBA-SSM6J501NU_14 Datasheet
212Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type(U-MOSVI)
SSM6J503NU TOSHIBA-SSM6J503NU_14 Datasheet
271Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J56MFV TOSHIBA-SSM3J56MFV_14 Datasheet
197Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J130TU TOSHIBA-SSM3J130TU_14 Datasheet
210Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J132TU TOSHIBA-SSM3J132TU Datasheet
215Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J135TU TOSHIBA-SSM3J135TU_14 Datasheet
214Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J213FE TOSHIBA-SSM6J213FE Datasheet
226Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J332R TOSHIBA-SSM3J332R_V01 Datasheet
351Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
2018-10-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com