Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2601M Datasheet (PDF) - ON Semiconductor

HCPL2601M Datasheet PDF - ON Semiconductor
Part # HCPL2601M
Download  HCPL2601M Download
File Size   644.04 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers

HCPL2601M Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL2601M Datasheet PDF - ON Semiconductor

Part # HCPL2601M
Download  HCPL2601M Click to download

File Size   644.04 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers

HCPL2601M Datasheet (HTML) - ON Semiconductor


HCPL2601M Product details

Description
The 6N137M, HCPL2601M, HCPL2611M single−channel and
HCPL2630M, HCPL2631M dual−channel optocouplers consist of a
850 nm AlGaAs LED, optically coupled to a very high speed
integrated photo−detector logic gate with a strobable output. This
output features an open collector, thereby permitting wired OR
outputs. The switching parameters are guaranteed over the
temperature range of −40°C to +85°C. A maximum input signal of
5 mA will provide a minimum output sink current of 13 mA (fan out
of 8).
An internal noise shield provides superior common mode rejection
of typically 10 kV/s. The HCPL2601M and HCPL2631M has a
minimum CMR of 5 kV/s. The HCPL2611M has a minimum CMR
of 10 kV/s.

Features
• Very High Speed – 10 MBit/s
• Superior CMR – 10 kV/s
• Fan−out of 8 Over −40°C to +85°C
• Logic Gate Output
• Strobable Output
• Wired OR−open Collector
• Safety and Regulatory Approvals
♦ UL1577, 5,000 VACRMS for 1 Minute
♦ DIN EN/IEC60747−5−5
• These are Pb−Free Devices

Applications
• Ground Loop Elimination
• LSTTL to TTL, LSTTL or 5 V CMOS
• Line Receiver, Data Transmission
• Data Multiplexing
• Switching Power Supplies
• Pulse Transformer Replacement
• Computer−peripheral Interface




Similar Part No. - HCPL2601M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL2601M FAIRCHILD-HCPL2601M Datasheet
457Kb / 13P
High Speed 10MBit/s Logic Gate Optocouplers
More results


Similar Description - HCPL2601M

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-0600 FAIRCHILD-HCPL-0600 Datasheet
616Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com