Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA002C Datasheet (PDF) - ON Semiconductor

DDA002C Datasheet PDF - ON Semiconductor
Part # DDA002C
Download  DDA002C Download
File Size   1045.51 Kbytes
Page   27 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters

DDA002C Datasheet (PDF)

Go To PDF Page Download Datasheet
DDA002C Datasheet PDF - ON Semiconductor

Part # DDA002C
Download  DDA002C Click to download

File Size   1045.51 Kbytes
Page   27 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters

DDA002C Datasheet (HTML) - ON Semiconductor


DDA002C Product details

Features
• High−Frequency Operation from 30 kHz up to 500 kHz
• Selectable Minimum Switching Frequency
• Adjustable Deadtime from 100 ns to 2 s
• 100 ms Delayed Startup for PFC Stage Stabilization
• Adjustable Preheating Timer via External Capacitor
• Startup Sequence via Adjustable Soft−Start
• 600 V High−Voltage Floating Drivers
• Synchronized Low−Current Outputs for Full Bridge
Applications
• Adjustable Maximum On−Time Clamp for
Synchronization Outputs
• Brown−Out Protection for Easier PFC Association
• Delayed Open−Loop Protection
• Latched Input for Severe Fault Conditions, e.g. Over
Current
• Secondary Latched Input for Over Temperature Protection
• Auto−Recovery Enable Input
• VCC Operation up to 20 V
• Low Startup Current of 300 A
• 0.5 A / 0.25 A Peak Current Sink / Source Drive
Capability, Respectively
• Internal Temperature Shutdown
• SO19W package
• These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
Typical Applications
• Flat Panel Display Power Converters
• LLC Converters Control for LCD/Plasma TVs
• HCFL / CCFL Backlight Inverters




Similar Part No. - DDA002C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DDA002C ONSEMI-DDA002C Datasheet
53Kb / 1P
DDA002B DDA002 PWM Controller IC SOP-19
More results


Similar Description - DDA002C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2260 STMICROELECTRONICS-TEA2260 Datasheet
160Kb / 9P
SWITCH MODE POWER SUPPLY CONTROLLER
Jun-1992
TEA2262 STMICROELECTRONICS-TEA2262 Datasheet
90Kb / 9P
SWITCH MODE POWER SUPPLY CONTROLLER
Apr-1996
STV4614C STMICROELECTRONICS-STV4614C Datasheet
816Kb / 10P
SWITCH MODE POWER SUPPLY CONTROLLER
TEA2261 STMICROELECTRONICS-TEA2261_03 Datasheet
118Kb / 11P
SWITCH MODE POWER SUPPLY CONTROLLER
Oct-2003
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
High Performance Current Mode PWM Switching Power Supply Controller
logo
Shindengen Electric Mfg...
MCZ5205SE SHINDENGEN-MCZ5205SE Datasheet
980Kb / 30P
Transition Mode PFC High Performance Symmetric LLC Controller
logo
Infineon Technologies A...
ICL5102 INFINEON-ICL5102 Datasheet
289Kb / 2P
High performance PFC resonant controller for LCC and LLC
11 / 2017
logo
Monolithic Power System...
HR1200 MPS-HR1200 Datasheet
3Mb / 54P
High-Performance Digital PFCLLC Combo Controller
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
High performance current mode PWM switching power supply controller
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com