Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK690B Datasheet (PDF) - M.S. Kennedy Corporation

MSK690B Datasheet PDF - M.S. Kennedy Corporation
Part # MSK690B
Download  MSK690B Download
File Size   127.19 Kbytes
Page   4 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH VOLTAGE AMPLIFIER

MSK690B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK690B Datasheet PDF - M.S. Kennedy Corporation

Part # MSK690B
Download  MSK690B Click to download

File Size   127.19 Kbytes
Page   4 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH VOLTAGE AMPLIFIER

MSK690B Datasheet (HTML) - M.S. Kennedy Corporation


MSK690B Product details

DESCRIPTION:
The MSK 690 is a high voltage differential ampifier designed for use in CRT displays. With the high voltage power supply set to +65 volts, the output voltage of the MSK 690 can swing from +5 volts to +60 volts at a rate of 2000 v/µS. The MSK 690 boasts a 30 MHz typical -3dB bandwidth and 20nS typical transition time making it a good candidate for high speed systems. The circuit is packaged in a space efficient, hermetically sealed 8 pin TO-3 to achieve good thermal efficiency and low cost. No isolation washer is necessary when heat sinking this device. The MSK 690 is available in both industrial and military grades.

FEATURES:
• Adjustable High Voltage Power Supply to +75V
• Low Cost TO-3 Package
• High Slew Rate - 2000V/µS Typical
• Wide Bandwidth - 30MHz Typical
• Low Transition Time - 20nS Typical at Full Swing

TYPICAL APPLICATIONS
• High Voltage Op-Amp
• CRT Display Driver
• High Voltage ATE Pin Driver
• Level Shifter




Similar Part No. - MSK690B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK690B ANAREN-MSK690B Datasheet
614Kb / 5P
HIGH VOLTAGE AMPLIFIER
More results


Similar Description - MSK690B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5415S STMICROELECTRONICS-2N5415S Datasheet
52Kb / 4P
HIGH-VOLTAGE AMPLIFIER
Oct-1988
BC393 STMICROELECTRONICS-BC393 Datasheet
66Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
BC394 STMICROELECTRONICS-BC394 Datasheet
75Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
BFW43 STMICROELECTRONICS-BFW43 Datasheet
59Kb / 5P
HIGH VOLTAGE AMPLIFIER
Nov-1997
logo
Fairchild Semiconductor
KSA709 FAIRCHILD-KSA709 Datasheet
37Kb / 4P
High Voltage Amplifier
KSC1009 FAIRCHILD-KSC1009 Datasheet
37Kb / 4P
High Voltage Amplifier
logo
List of Unclassifed Man...
2SA709 ETC-2SA709 Datasheet
93Kb / 2P
HIGH VOLTAGE AMPLIFIER
QA452 ETC1-QA452 Datasheet
26Kb / 2P
High Voltage Amplifier
logo
Fairchild Semiconductor
KSA709CGBU FAIRCHILD-KSA709CGBU Datasheet
43Kb / 4P
High Voltage Amplifier
KSA709YTA FAIRCHILD-KSA709YTA Datasheet
43Kb / 4P
High Voltage Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com