Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5250-1.5 Datasheet (PDF) - M.S. Kennedy Corporation

MSK5250-1.5 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5250-1.5
Download  MSK5250-1.5 Download
File Size   213.25 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS

MSK5250-1.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5250-1.5 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5250-1.5
Download  MSK5250-1.5 Click to download

File Size   213.25 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS

MSK5250-1.5 Datasheet (HTML) - M.S. Kennedy Corporation


MSK5250-1.5 Product details

DESCRIPTION:
The MSK 5250 series voltage regulators are available in +1.5V, +1.7V, +1.9V, +2.5V, +3.3V, +5.0V, and +12.0V output configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with monolithic technology. Dropout voltages of 370mV at 5 amps are typical in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance. The MSK 5250 series is packaged in a space efficient 3 pin power surface mount ceramic package.

FEATURES:
• Hermetic Surface Mount Package
• Extremely Low Dropout Voltage: 370mV @ 5 Amps
• Available in 1.5V, 1.7V, 1.9V, 2.5V, 3.3V, 5.0V and 12.0V
• On Board Thermal Shut Down
• Reverse Battery and Load Dump Protection
• Low Ground Current: 70mA Typical at Full Load
• 1% Maximum Guaranteed Accuracy
• Output Current to 5 Amps
• Alternate Output Voltages Available
• Contact MSK for MIL-PRF-38534 Qualification Status

TYPICAL APPLICATIONS
• High Efficiency, High Current Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators
• Battery Powered Equipment




Similar Part No. - MSK5250-1.5

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5250-1.5 ANAREN-MSK5250-1.5 Datasheet
112Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-1.5H ANAREN-MSK5250-1.5H Datasheet
112Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Similar Description - MSK5250-1.5

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5175 MSK-MSK5175 Datasheet
235Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-3.3BTU MSK-MSK5150-3.3BTU Datasheet
315Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176-3.3HTU MSK-MSK5176-3.3HTU Datasheet
276Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5151 MSK-MSK5151 Datasheet
275Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5175 ANAREN-MSK5175 Datasheet
792Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176 ANAREN-MSK5176 Datasheet
753Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250 ANAREN-MSK5250 Datasheet
112Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275 ANAREN-MSK5275 Datasheet
115Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com