Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2041 Datasheet (PDF) - Vishay Siliconix

DG2041 Datasheet PDF - Vishay Siliconix
Part # DG2041
Download  DG2041 Download
File Size   235.17 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Low RON Quad SPST Analog Switch

DG2041 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2041 Datasheet PDF - Vishay Siliconix

Part # DG2041
Download  DG2041 Click to download

File Size   235.17 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Low RON Quad SPST Analog Switch

DG2041 Datasheet (HTML) - Vishay Siliconix


DG2041 Product details

FEATURES
• Low Voltage Operation (1.8 V to 5.5 V)
• Low On-Resistance - RDS(on): 1 Ω
• Fast Switching - 14 ns tON
• Low Charge Injection - QINJ: 1 pC
• Low Power Consumption
• TTL/CMOS Compatible
• TSSOP-16 and QFN-16 Packages
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Reduced Power Consumption
• Simple Logic Interface
• High Accuracy
• Reduce Board Space

APPLICATIONS
• Cellular Phones
• Communication Systems
• Portable Test Equipment
• Battery Operated Systems
• Sample and Hold Circuits

DESCRIPTION
The DG2041/2042/2043 are quad single-pole/single-throw
monolithic CMOS analog switch designed for high
performance switching of analog signals. Combining low
power, fast switching, low on-resistance (RDS(on): 1 Ω at
2.7 V) and small physical size, the DG2041/2042/2043 are
ideal for portable and battery powered applications requiring
high performance and efficient use of board space.
The DG2041/2042/2043 are built on Vishay Siliconix’s new
high density low voltage process. An epitaxial layer prevents
latchup.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.




Similar Part No. - DG2041

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
Low-Voltage, Low rON Quad SPST Analog Switch
20-Jan-03
DG2041 VISHAY-DG2041 Datasheet
230Kb / 14P
Low-Voltage, Low RON Quad SPST Analog Switch
13-Jun-11
DG2041DN VISHAY-DG2041DN Datasheet
83Kb / 9P
Low-Voltage, Low rON Quad SPST Analog Switch
20-Jan-03
DG2041DN-T1-E4 VISHAY-DG2041DN-T1-E4 Datasheet
230Kb / 14P
Low-Voltage, Low RON Quad SPST Analog Switch
13-Jun-11
DG2041DQ VISHAY-DG2041DQ Datasheet
83Kb / 9P
Low-Voltage, Low rON Quad SPST Analog Switch
20-Jan-03
More results


Similar Description - DG2041

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
Low RON Low Voltage SPST Analog Switch
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
Low-Voltage, Low rON, Dual SPST Analog Switch
01-Aug-03
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
Low-Voltage, Low rON Quad SPST Analog Switch
20-Jan-03
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Dual SPST Analog Switch
21-May-07
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
Low-Voltage, Low RON Quad SPST Analog Switch
13-Jun-11
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
Low-Voltage, 0.8 Ω RON, Dual SPST Analog Switch
28-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com