Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7940DP Datasheet (PDF) - Vishay Siliconix

SI7940DP Datasheet PDF - Vishay Siliconix
Part # SI7940DP
Download  SI7940DP Download
File Size   304.08 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 12-V (D-S) MOSFET

SI7940DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SI7940DP Datasheet PDF - Vishay Siliconix

Part # SI7940DP
Download  SI7940DP Click to download

File Size   304.08 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 12-V (D-S) MOSFET

SI7940DP Datasheet (HTML) - Vishay Siliconix


SI7940DP Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Available
• TrenchFET® Power MOSFET
• New Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
• PWM Optimized
• 100 % Rg Tested

APPLICATIONS
• Point-of-Load Synchronous Rectifier
- 5 V or 3.3 V BUS Step Down
- Qg Optimized for 500 kHz and Operation
• Synchronous Buck Shoot-Through Resistant




Similar Part No. - SI7940DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7940DP VISHAY-SI7940DP Datasheet
52Kb / 5P
Dual N-Channel 12-V (D-S) MOSFET
29-Jul-02
More results


Similar Description - SI7940DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7940DP VISHAY-SI7940DP Datasheet
52Kb / 5P
Dual N-Channel 12-V (D-S) MOSFET
29-Jul-02
SI7234DP VISHAY-SI7234DP Datasheet
512Kb / 13P
Dual N-Channel 12-V (D-S) MOSFET
02-Jun-08
SIA910EDJ VISHAY-SIA910EDJ Datasheet
137Kb / 7P
Dual N-Channel 12-V (D-S) MOSFET
02-Nov-09
logo
Vishay Telefunken
SI7234DP TFUNK-SI7234DP Datasheet
343Kb / 13P
Dual N-Channel 12-V (D-S) MOSFET
SIA910EDJ TFUNK-SIA910EDJ Datasheet
276Kb / 9P
Dual N-Channel 12 V (D-S) MOSFET
logo
Analog Power
AM6900NHE ANALOGPOWER-AM6900NHE Datasheet
401Kb / 5P
Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ Datasheet
114Kb / 7P
Dual N-Channel 12-V (D-S) MOSFET
03-Mar-08
SIA910EDJ VISHAY-SIA910EDJ_V01 Datasheet
279Kb / 9P
Dual N-Channel 12 V (D-S) MOSFET
04-Mar-13
SIA912DJ VISHAY-SIA912DJ_V01 Datasheet
113Kb / 7P
Dual N-Channel 12-V (D-S) MOSFET
03-Mar-08
logo
DinTek Semiconductor Co...
DTSP1204 DINTEK-DTSP1204 Datasheet
712Kb / 8P
Dual N-Channel 12-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com